Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6675AS Datasheet(PDF) 42 Page - STMicroelectronics

Part # PM6675AS
Description  High efficiency step-down controller with embedded 2 A LDO regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675AS Datasheet(HTML) 42 Page - STMicroelectronics

Back Button PM6675AS Datasheet HTML 38Page - STMicroelectronics PM6675AS Datasheet HTML 39Page - STMicroelectronics PM6675AS Datasheet HTML 40Page - STMicroelectronics PM6675AS Datasheet HTML 41Page - STMicroelectronics PM6675AS Datasheet HTML 42Page - STMicroelectronics PM6675AS Datasheet HTML 43Page - STMicroelectronics PM6675AS Datasheet HTML 44Page - STMicroelectronics PM6675AS Datasheet HTML 45Page - STMicroelectronics PM6675AS Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
Application information
PM6675AS
42/48
where RDSon is the drain-source on-resistance low-side switch. Consider the temperature
effect and the worst case value in RDSon calculation (typically +0.4 %/°C).
The accuracy of the valley current also depends on the offset of the internal comparator
(±6 mV).
The negative valley-current limit (if the device works in forced-PWM mode) is given by:
Equation 47
8.1.7
All ceramic capacitors application
Design of external feedback network depends on the output voltage ripple across the output
capacitors ESR. If the ripple is great enough (at least 20 mV), the compensation network
simply consist of a CINT capacitor.
Figure 39.
Integrative compensation
The stability of the system depends firstly on the output capacitor zero frequency. It must be
verified that:
Equation 48
DSon
NEG
R
mV
110
I
=
CFILT
CINT
RINT
gm
+
-
Vr=0.6
VSNS
Ton One-shot
generator
VREF
PWM
Comparator
+
-
COMP
VOUT
Integrator
out
out
Zout
SW
C
R
2
k
f
k
f
π
=
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com