Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6675AS Datasheet(PDF) 26 Page - STMicroelectronics

Part # PM6675AS
Description  High efficiency step-down controller with embedded 2 A LDO regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675AS Datasheet(HTML) 26 Page - STMicroelectronics

Back Button PM6675AS Datasheet HTML 22Page - STMicroelectronics PM6675AS Datasheet HTML 23Page - STMicroelectronics PM6675AS Datasheet HTML 24Page - STMicroelectronics PM6675AS Datasheet HTML 25Page - STMicroelectronics PM6675AS Datasheet HTML 26Page - STMicroelectronics PM6675AS Datasheet HTML 27Page - STMicroelectronics PM6675AS Datasheet HTML 28Page - STMicroelectronics PM6675AS Datasheet HTML 29Page - STMicroelectronics PM6675AS Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
Device description
PM6675AS
26/48
7.1.4
Mode-of-operation selection
Figure 29.
VSEL and NOSKIP multifunction pin configurations
The PM6675AS has been designed to satisfy the widest range of applications. The device is
provided of some multilevel pins which allow the user to choose the appropriate
configuration. The VSEL pin is used to firstly decide between fixed preset or adjustable
(user defined) output voltages.
When the VSEL pin is connected to +5 V, the PM6675AS set the switching section output
voltage to 1.5 V without the need of an external divider.
Applications requiring different output voltages can be managed by PM6675AS simply
setting the adjustable mode. If the VSEL pin voltage is higher than 4 V, the fixed output
mode is selected. Connecting an external divider to the VSEL pin, it is used as negative
input of the error amplifier and the output voltage is given by expression (20).
Equation 20
The output voltage can be set in the range from 0.6 V to 3.3 V.
The NOSKIP is the power saving algorithm selector: if tied to +5 V, the forced-PWM (fixed
frequency) control is performed. If grounded or connected to VREF pin (1.237 V reference
voltage), the Pulse-Skip or Non-Audible Pulse-Skip Modes are respectively selected.
Table 8.
Mode-of-operation settings summary
VSEL
NOSKIP
VOUT
Operating mode
VVSEL > 4.3V
VNOSKI P > 4.2 V
1.5 V
Forced-PWM
1V < VNOSKIP < 3.5 V
Non-Audible Pulse-skip
< 0.5 V
Pulse-Skip
VVSEL < 3.7V
VNOSKIP > 4.2 V
ADJ
Forced-PWM
1 V < VNOSKIP < 3.5 V
Non-Audible Pulse-skip
VNOSKIP < 0.5 V
Pulse-Skip
PM6675AS
NOSKIP
VSEL
R9
R8
VOUT
+5V
VREF
8
R
9
R
8
R
6
.
0
VOUTADJ
+
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com