Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6675AS Datasheet(PDF) 30 Page - STMicroelectronics

Part # PM6675AS
Description  High efficiency step-down controller with embedded 2 A LDO regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675AS Datasheet(HTML) 30 Page - STMicroelectronics

Back Button PM6675AS Datasheet HTML 26Page - STMicroelectronics PM6675AS Datasheet HTML 27Page - STMicroelectronics PM6675AS Datasheet HTML 28Page - STMicroelectronics PM6675AS Datasheet HTML 29Page - STMicroelectronics PM6675AS Datasheet HTML 30Page - STMicroelectronics PM6675AS Datasheet HTML 31Page - STMicroelectronics PM6675AS Datasheet HTML 32Page - STMicroelectronics PM6675AS Datasheet HTML 33Page - STMicroelectronics PM6675AS Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
Device description
PM6675AS
30/48
7.1.9
Gate drivers
The integrated high-current gate drivers allow using different power MOSFETs. The high-
side driver employes a bootstrap circuit which is supplied by the +5 V rail. The BOOT and
PHASE pins work respectively as supply and return path for the high-side driver, while the
low-side driver is directly feed through VCC and PGND pins.
An important feature of the PM6675AS gate drivers is the Adaptive Anti-Cross-Conduction
circuitry, which prevents high-side and low-side MOSFETs from being turned on at the same
time. When the high-side MOSFET is turned off, the voltage at the PHASE node begins to
fall. The low-side MOSFET is turned on only when the voltage at the PHASE node reaches
an internal threshold (2.5 V typ.). Similarly, when the low-side MOSFET is turned off, the
high-side one remains off until the LGATE pin voltage is above 1 V.
The power dissipation of the drivers is a function of the total gate charge of the external
power MOSFETs and the switching frequency, as shown in the following equation:
Equation 22
The low-side driver has been designed to have a low-resistance pull-down transistor
(0.6
Ω typ.) in order to prevent undesired ignition of the low-side MOSFET due to the Miller
effect.
7.1.10
Reference voltage and bandgap
The 1.237 V internal bandgap reference has a granted accuracy of ±1 % over the -25 °C to
85 °C temperature range. The VREF pin is a buffered replica of the bandgap voltage. It can
supply up to ±100
µA and is suitable to set the intermediate level of NOSKIP multifunction
pin. A 100 nF (min.) bypass capacitor toward SGND is required to enhance noise rejection.
If VREF falls below 0.8 V (typ.), the system detects a fault condition and all the circuitry is
turned off.
An internal divider derives a 0.6 V±1 % voltage (Vr) from the bandgap. This voltage is used
as reference for both the switching and the linear sections. The Over-Voltage Protection, the
Under-Voltage Protection and the power-good signals are also referred to Vr.
7.1.11
Switching section OV and UV protections
When the switching output voltage is about 115 % of its nominal value, a latched Over-
Voltage Protection (OVP) occurs. In this case the synchronous rectifier immediately turns on
while the high-side MOSFET turns off. The output capacitor is rapidly discharged and the
load is preserved from being damaged. The OVP is also active during the soft-start. Once
an OVP has taken part, a toggle on SWEN pin or a power-on-reset is necessary to exit from
the latched state.
When the switching output voltage is below 70 % of its nominal value, a latched Under-
Voltage Protection occurs. This event causes the switching section to be immediately
disabled and both switches to be opened. The controller performs a soft-end and the output
is eventually kept to ground, turning the low side MOSFET on when the voltage is lower than
400 mV.
SW
g
DRV
D
f
Q
V
)
driver
(
P
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com