Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6675AS Datasheet(PDF) 43 Page - STMicroelectronics

Part # PM6675AS
Description  High efficiency step-down controller with embedded 2 A LDO regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675AS Datasheet(HTML) 43 Page - STMicroelectronics

Back Button PM6675AS Datasheet HTML 39Page - STMicroelectronics PM6675AS Datasheet HTML 40Page - STMicroelectronics PM6675AS Datasheet HTML 41Page - STMicroelectronics PM6675AS Datasheet HTML 42Page - STMicroelectronics PM6675AS Datasheet HTML 43Page - STMicroelectronics PM6675AS Datasheet HTML 44Page - STMicroelectronics PM6675AS Datasheet HTML 45Page - STMicroelectronics PM6675AS Datasheet HTML 46Page - STMicroelectronics PM6675AS Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
PM6675AS
Application information
43/48
where k is a free design parameter greater than unity (k > 3) . It determinates the minimum
integrator capacitor value CINT:
Equation 49
If the ripple on pin COMP is greater than the integrator output dynamic (150 mV), an
additional capacitor Cfilt could be added in order to reduce its amplitude. If q is the desired
attenuation factor of the output ripple, select:
Equation 50
In order to reduce noise on pin COMP, it’s possible to introduce a resistor RINT that, together
with CINT and Cfilt, realizes a low pass filter. The cutoff frequency must be much greater (10
or more times) than the switching frequency of the section:
Equation 51
For most of applications both RINT and Cfilt are unnecessary.
If the ripple is very small (e.g. such as with ceramic capacitors), a further compensation
network, called “Virtual ESR” network, is needed. This additional part generates a triangular
ripple that substitutes the ESR output voltage ripple. The complete compensation scheme is
represented in Figure 40.
Figure 40.
Virtual ESR network
Vo
Vref
f
k
f
2
g
C
Zout
SW
m
INT
⎟⎟
⎜⎜
π
>
q
)
q
1
(
C
C
INT
filt
=
FILT
INT
FILT
INT
CUT
INT
C
C
C
C
f
2
1
R
+
π
=
VREF
CFILT
CINT
RINT
PWM Comparator
gm
+
-
+
-
0.6V
VOUT
Ton
Generation
Block
C
R
R1
L
Integrator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com