Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR4 Datasheet(PDF) 38 Page - Lattice Semiconductor

Part # OR4
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4 Datasheet(HTML) 38 Page - Lattice Semiconductor

Back Button OR4 Datasheet HTML 34Page - Lattice Semiconductor OR4 Datasheet HTML 35Page - Lattice Semiconductor OR4 Datasheet HTML 36Page - Lattice Semiconductor OR4 Datasheet HTML 37Page - Lattice Semiconductor OR4 Datasheet HTML 38Page - Lattice Semiconductor OR4 Datasheet HTML 39Page - Lattice Semiconductor OR4 Datasheet HTML 40Page - Lattice Semiconductor OR4 Datasheet HTML 41Page - Lattice Semiconductor OR4 Datasheet HTML 42Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 152 page
background image
38
38
Lattice Semiconductor
Data Sheet
May, 2006
ORCA Series 4 FPGAs
Programmable Input/Output Cells
(continued)
High-Speed Memory Interfaces
PIO features allow high-speed interfaces to external
SRAM and/or DRAM devices. Series 4 I/O meet
200 MHz ZBT requirements when switching between
write and read cycles. ZBT allows 100% use of bus
cycles during back-to-back read/write and write/read
cycles. However this maximum utilization of the bus
increases probability of bus contention when the inter-
faced devices attempt to drive the bus to opposite logic
values. The LVTTL I/O interfaces directly with commer-
cial ZBT SRAMs signalling and allows the versatility to
program the FPGA drive strengths from 6 mA to
24 mA.
DDR allows data to be read on both the rising and the
falling edge of the clock which delivers twice the band-
width. DDR doubles the memory speed from SDRAMs
or SRAMs without the need to increase clock fre-
quency. The flexibility of the PIO allows at least
156 MHz/312 Mbits per second performance using the
SSTL I/O or HSTL I/O features of the Series 4 devices.
High-Speed Networking Interfaces
Series 4 devices support many I/O standards used in
networking. Two examples of this are the XGMII stan-
dard for 10 GbE (HSTL or SSTL I/Os) and the SPI-4
standard for various 10 Gbits/s network interfaces
(LVDS I/Os). Both operate as a point-to-point link
between devices that are forward clocked and transmit
data on both clock edges (DDR). The XGMII interface
is 36-bits wide per data flow direction and the SPI-4
interface is a 16-bit interface. The XGMII specification
is 156 MHz/312 Mbits/s and the SPI-4 specification that
can be met is 325 MHz/650 Mbits/s. More information
about using ORCA for these applications can be found
in the associated application note.
Bus Hold
Each PIO can be programmed with a KEEPERMODE
feature. This element is user programmed for bus hold
requirements. This mode retains the last known state of
a bus when the bus goes into 3-state. It prevents float-
ing busses and saves system power.
PIO Downlink/Uplink (Shift Registers)
Each group of four PIOs in a PIC have access to an
input/output shift register as shown in Figure 24. This
feature allows high-speed input data to be divided
down by 1/2 or 1/4 and output data can be multiplied by
2x or 4x its internal speed. Both the input and output
shift registers can be programmed to operate at the
same time and are controlled by the same clock and
control signals.
For input shift mode, the data from INDD from the PIO
is connected to the input shift register. The input data is
divided down and is driven to the routing through the
INSH nodes. For output shift mode, the data from the
OUTSH nodes are driven from the internal routing and
connects to the output shift register. This output data is
multiplied up and driven to the OUTDD signal on the
PIOs.
In 2x output mode or input mode, two of the four I/Os in
a PIC can use the shift registers. While in 4x mode,
only one I/O can use the shift registers. This also
means that all differential I/Os on a Series 4 device can
use 2x shift register mode, but 4x mode is only avail-
able for half of the differential I/Os.
In 4x input mode, all the INSH nodes are used, while 2x
mode uses INSH4 and INSH3 for one shift register and
INSH2 and INSH1 for the second shift register. Simi-
larly, the output shift register in 4x mode uses all the
OUTSH signals. OUTSH2 and OUTSH1 are used for
2x output mode for one shift register and OUTSH4 and
OUTSH3 are used for the other output shift register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com