Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR4 Datasheet(PDF) 95 Page - Lattice Semiconductor

Part # OR4
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4 Datasheet(HTML) 95 Page - Lattice Semiconductor

Back Button OR4 Datasheet HTML 91Page - Lattice Semiconductor OR4 Datasheet HTML 92Page - Lattice Semiconductor OR4 Datasheet HTML 93Page - Lattice Semiconductor OR4 Datasheet HTML 94Page - Lattice Semiconductor OR4 Datasheet HTML 95Page - Lattice Semiconductor OR4 Datasheet HTML 96Page - Lattice Semiconductor OR4 Datasheet HTML 97Page - Lattice Semiconductor OR4 Datasheet HTML 98Page - Lattice Semiconductor OR4 Datasheet HTML 99Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 152 page
background image
Lattice Semiconductor
95
Data Sheet
May, 2006
ORCA Series 4 FPGAs
Timing Characteristics (continued) 
Table 59. Master Serial Configuration Mode Timing Characteristics
OR4Exx commercial/industrial: VDD15 = 1.4 V to 1.6 V, VDD33 = 3.0 V to 3.6 V, VDDIO = 3.0 V to 3.6 V, –40 °C < TJ < +125 °C; 
CL =  30 pF.
Note: Serial configuration data is transmitted out on DOUT on the rising edge of CCLK after it is input on DIN.
* Data gets clocked out from an external serial ROM. The clock to data delay of the serial ROM must be less than the CCLK frequency since 
the data available out of the serial ROM must be setup and waiting to be clocked into the FPGA before the next CCLK rising edge.
5-4532(F).b
Figure 54. Master Serial Configuration Mode Timing Diagram
Parameter
Symbol
Min
Max
Unit
DIN Setup Time*
TS
10.00
—
ns
DIN Hold Time
TH
0.00
—
ns
CCLK Frequency (M3 = 0)
FC
5.00
16.67
MHz
CCLK Frequency (M3 = 1)
FC
0.63
2.08
MHz
CCLK to DOUT Delay
TD
—
5.00
ns
DIN
CCLK
DOUT
TS
TH
BIT N
BIT N
TD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com