Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR4 Datasheet(PDF) 76 Page - Lattice Semiconductor

Part # OR4
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4 Datasheet(HTML) 76 Page - Lattice Semiconductor

Back Button OR4 Datasheet HTML 72Page - Lattice Semiconductor OR4 Datasheet HTML 73Page - Lattice Semiconductor OR4 Datasheet HTML 74Page - Lattice Semiconductor OR4 Datasheet HTML 75Page - Lattice Semiconductor OR4 Datasheet HTML 76Page - Lattice Semiconductor OR4 Datasheet HTML 77Page - Lattice Semiconductor OR4 Datasheet HTML 78Page - Lattice Semiconductor OR4 Datasheet HTML 79Page - Lattice Semiconductor OR4 Datasheet HTML 80Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 152 page
background image
76
Lattice Semiconductor
Data Sheet
May, 2006
ORCA Series 4 FPGAs
Electrical Characteristics
Table 36. Electrical Characteristics
OR4Exx Industrial: VDD15 = 1.4 V to 1.6 V, VDD33 = 3.0 V to 3.6 V, VDDIO = 3.0 V to 3.6 V, –40 °C 
< TA < +125 °C;
CL =  30 pF.
* The pull-up resistor will externally pull the pin to a level 1.0 V below VDDIO.
Note: 1. The Standby Current for VDDIO is variable depending upon I/O types. For LVTTL I/O held at VDDIO or GND, this value is typically less 
than 1 mA.
Parameter
Symbol
Test Conditions
OR4Exx
Unit
Min
Typ
Max
Input Leakage Current
IL
VDDIO = max, VIN = VSS or VDDIO
– 10
—
10
µA
Standby Current (VDD15):
OR4E02
OR4E04
OR4E06
IDDSB15
TA = 25 °C, VDD15 = 1.6 V, 
VDD33
 = 3.6 V, VDDIO = 3.6 V,
internal oscillator running, no output loads,
inputs VDDIO or VSS (after configuration)
—
—
—
5
10
15
200
200
200
mA
mA
mA
Same conditions except TA = 85 °C
—
—
500
mA
Standby Current (VDD33):
OR4E02
OR4E04
OR4E06
IDDSB33
TA = 25 °C, VDD15 = 1.6 V, 
VDD33
 = 3.6 V, VDDIO = 3.6 V,
internal oscillator stopped, no output loads,
inputs VDDIO or GND (after configuration)
—
—
—
4
7
10
100
100
100
mA
mA
mA
Same conditions except TA = 85 °C
—
—
300
mA
Data Retention Voltage 
(VDD33)
VDR33
TJ = –40 °C to 125 °C
2.3
—
—
V
Data Retention Voltage 
(VDD15)
VDR15
TJ = –40 °C to 125 °C
1.1
—
—
V
DC Input Levels
VIL
VIH
Input levels vary per input standard. See the 
Series 4 IO Application Note for details
Various
—
Various
V
DC Output Levels
VOL
VOH
Output levels vary per output standard. See 
the Series 4 IO Application Note for details
Various
—
Various
V
Output Drive Currents
IOL
IOH
Output currents vary per output standard. 
See the Series 4 IO Application Note for 
details
Various
—
Various
mA
Input Capacitance
CIN
TA = 25 °C, VDDIO = 3.6 V,
Test frequency = 1 MHz
——
5
pF
Output Capacitance
COUT
TA = 25 °C, VDDIO = 3.6 V,
Test frequency = 1 MHz
——
5
pF
DONE Pull-up 
Resistor*
RDONE
VDDIO = 3.0 V to 3.6 V, VIN = VSS, 
TJ = –40 °C to 125 °C
100
—
—
kΩ
M[3:0] Pull-up 
Resistors*
RM
VDDIO = 3.0 V to 3.6 V, VIN = VSS, 
TJ = –40 °C to 125 °C
100
—
—
kΩ
I/O Pad Static Pull-up 
Current*
IPU
VDDIO = 3.0 V to 3.6 V, VIN = VSS, 
TJ = –40 °C to 125 °C
14.4
—
50.9
µA
I/O Pad Static 
Pull-down Current
IPD
VDDIO = 3.0 V to 3.6 V, VIN = VSS, 
TJ = –40 °C to 125 °C
26
—
103
µA
I/O Pad Pull-up 
Resistor*
RPU
VDDIO = 3.0 V to 3.6 V, VIN = VSS, 
TJ = –40 °C to 125 °C
100
—
—
kΩ
I/O Pad Pull-down 
Resistor
RPD
VDDIO = 3.0 V to 3.6 V, VIN = VDD, 
TJ = –40 °C to 125 °C
50
—
—
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com