Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR4 Datasheet(PDF) 80 Page - Lattice Semiconductor

Part # OR4
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4 Datasheet(HTML) 80 Page - Lattice Semiconductor

Back Button OR4 Datasheet HTML 76Page - Lattice Semiconductor OR4 Datasheet HTML 77Page - Lattice Semiconductor OR4 Datasheet HTML 78Page - Lattice Semiconductor OR4 Datasheet HTML 79Page - Lattice Semiconductor OR4 Datasheet HTML 80Page - Lattice Semiconductor OR4 Datasheet HTML 81Page - Lattice Semiconductor OR4 Datasheet HTML 82Page - Lattice Semiconductor OR4 Datasheet HTML 83Page - Lattice Semiconductor OR4 Datasheet HTML 84Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 152 page
background image
80
Lattice Semiconductor
Data Sheet
May, 2006
ORCA Series 4 FPGAs
Timing Characteristics (continued)
Propagation Delay—The time between the specified reference points. The delays provided are the worst case of 
the tphh and tpll delays for noninverting functions, tplh and tphl for inverting functions, and tphz and tplz for 3-state 
enable.
Setup Time—The interval immediately preceding the transition of a clock or latch enable signal, during which the 
data must be stable to ensure it is recognized as the intended value.
Hold Time—The interval immediately following the transition of a clock or latch enable signal, during which the 
data must be held stable to ensure it is recognized as the intended value.
3-State Enable—The time from when a 3-state control signal becomes active and the output pad reaches the 
high-impedance state. 
Table 39. PFU Timing Parameters
OR4Exx commercial: VDD15 = 1.425 V, VDD33 = 3.0 V, TJ = +85 ˚C
OR4Exx industrial: VDD15 = 1.425 V, VDD33 = 3.0 V, TJ = +100 ˚C
Note: 
A complete listing of PFU Timing Parameters can be displayed in ispLEVER. This is a sampling of the key timing parameters.
Parameter
Symbol
Speed
Unit
–1
–2
–3
Min Max Min Max
Min
Max
Combinatorial Delays:
Four-input Variables to LUT out
Five-input Variables to LUT out
Six-input Variables to LUT out
F4_DEL
F5_DEL
F6_DEL
—
—
—
0.66
0.77
1.10
—
—
—
0.55
0.64
0.81
—
—
—
0.50
0.58
0.74
ns
ns
ns
Sequential Delays:
CLK Low Time
CLK High Time
Four-input Variables to Register CLK setup
Five-input Variables to Register CLK setup
Six-input Variables to Register CLK setup
Data In to Register CLK setup
Four-input Variables from Register CLK hold
Five-input Variables from Register CLK hold
Six-input Variables from Register CLK hold
Data In from Register CLK hold
Register CLK to Out
CLKL_MPW
CLKH_MPW
F4_SET
F5_SET
F6_SET
DIN_SET
F4_HLD
F5_HLD
F6_HLD
DIN-HLD
REG_DEL
0.36
0.40
0.28
0.38
0.71
0.00
0.00
0.10
0.00
0.25
1.03
—
—
—
—
—
—
—
—
—
—
—
0.35
0.38
0.23
0.28
0.63
0.00
0.00
0.16
0.10
0.24
0.92
—
—
—
—
—
—
—
—
—
—
—
0.32
0.35
0.21
0.25
0.57
0.00
0.00
0.15
0.09
0.22
0.84
—
—
—
—
—
—
—
—
—
—
—
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
PFU CLK to Out (REG_DEL) Delay Adjustments
from Cycle Stealing:
One Delay Cell
Two Delay Cells
Three Delay Cells
CYCDEL1
CYCDEL2
CYCDEL3
0.89
1.64
2.43
—
—
—
0.70
1.29
1.98
—
—
—
0.64
1.18
1.80
—
—
—
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com