Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR4 Datasheet(PDF) 24 Page - Lattice Semiconductor

Part # OR4
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4 Datasheet(HTML) 24 Page - Lattice Semiconductor

Back Button OR4 Datasheet HTML 20Page - Lattice Semiconductor OR4 Datasheet HTML 21Page - Lattice Semiconductor OR4 Datasheet HTML 22Page - Lattice Semiconductor OR4 Datasheet HTML 23Page - Lattice Semiconductor OR4 Datasheet HTML 24Page - Lattice Semiconductor OR4 Datasheet HTML 25Page - Lattice Semiconductor OR4 Datasheet HTML 26Page - Lattice Semiconductor OR4 Datasheet HTML 27Page - Lattice Semiconductor OR4 Datasheet HTML 28Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 152 page
background image
24
24
Lattice Semiconductor
Data Sheet
May, 2006
ORCA Series 4 FPGAs
Programmable Logic Cells (continued)
5-5748(F)
Figure 19. Decoder Mode
PLC Latches/Flip-Flops
The eight general-purpose latches/FFs in the PFU can
be used in a variety of configurations. In some cases,
the configuration options apply to all eight latches/FFs
in the PFU and some apply to the latches/FFs on a nib-
ble-wide basis where the ninth FF is considered inde-
pendently. For other options, each latch/FF is
independently programmable. In addition, the ninth FF
can be used for a variety of functions.
Table 6 summarizes these latch/FF options. The
latches/FFs can be configured as either positive- or
negative-level sensitive latches, or positive or negative
edge-triggered FFs (the ninth register can only be a
FF). All latches/FFs in a given PFU share the same
clock, and the clock to these latches/FFs can be
inverted. The input into each latch/FF is from either the
corresponding LUT output (F[7:0]) or the direct data
input (DIN[7:0]). The latch/FF input can also be tied to
logic 1 or to logic 0, which is the default.
Table 6. Configuration RAM Controlled Latch/
Flip-Flop Operation
Each PFU has two independent programmable clocks,
clock enable CE[1:0], local set/reset LSR[1:0], and
front end data selects SEL[1:0]. When CE is disabled,
each latch/FF retains its previous value when clocked.
The clock enable, LSR, and SEL inputs can be inverted
to be active-low.
DEC
SIN7
LOGIC 1 OR 0
SIN6
LOGIC 1 OR 0
SIN5
LOGIC 1 OR 0
SIN4
LOGIC 1 OR 0
SIN9
LOGIC 1 OR 0
SIN8
LOGIC 1 OR 0
SIN3
LOGIC 1 OR 0
SIN1
LOGIC 1 OR 0
SIN2
LOGIC 1 OR 0
SIN0
LOGIC 1 OR 0
Function
Options
Common to All Latches/FFs in PFU
LSR Operation
Asynchronous or synchronous.
Clock Polarity
Noninverted or inverted.
Front-end Select* Direct (DIN[7:0]) or from LUT
(F[7:0]).
LSR Priority
Either LSR or CE has priority.
Latch/FF Mode
Latch or FF.
Enable GSRN
GSRN enabled or has no effect on
PFU latches/FFs.
Set Individually in Each Latch/FF in PFU
Set/Reset Mode
Set or reset.
By Group (Latch/FF[3:0], Latch/FF[7:4], and FF[8])
Clock Enable
CE or none.
LSR Control
LSR or none.
* Not available for FF[8].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com