Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR4 Datasheet(PDF) 64 Page - Lattice Semiconductor

Part # OR4
Description  ORCASeries 4 FPGAs
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

OR4 Datasheet(HTML) 64 Page - Lattice Semiconductor

Back Button OR4 Datasheet HTML 60Page - Lattice Semiconductor OR4 Datasheet HTML 61Page - Lattice Semiconductor OR4 Datasheet HTML 62Page - Lattice Semiconductor OR4 Datasheet HTML 63Page - Lattice Semiconductor OR4 Datasheet HTML 64Page - Lattice Semiconductor OR4 Datasheet HTML 65Page - Lattice Semiconductor OR4 Datasheet HTML 66Page - Lattice Semiconductor OR4 Datasheet HTML 67Page - Lattice Semiconductor OR4 Datasheet HTML 68Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 152 page
background image
64
Lattice Semiconductor
Data Sheet
May, 2006
ORCA Series 4 FPGAs
Configuration Data Format (continued)
The number of frames, number of bits/frame, total number of bits and the required PROM size for each Series 4
device is shown in Table 32
Table 32. Configuration Frame Size
Bit Stream Error Checking
There are three different types of bit stream error checking performed in the ORCA Series 4 FPGAs:
ID frame, frame alignment, and CRC checking.
The ID data frame is sent to a dedicated location in the FPGA. This ID frame contains a unique code for the device
for which it was generated. This device code is compared to the internal code of the FPGA. Any differences are
flagged as an ID error. This frame is automatically created by the bit stream generation program in ispLEVER.
Each data and address frame in the FPGA begins with a frame start pair of bits and ends with eight stop bits set to
1. If any of the previous stop bits were a 0 when a frame start pair is encountered, it is flagged as a frame alignment
error.
Error checking is also done on the FPGA for each frame by means of a checksum byte. If an error is found on eval-
uation of the checksum byte, then a checksum/parity error is flagged. The checksum is the XOR of all the data
bytes, from the start of frame up to and including the bytes before the checksum. It applies to the ID, address, and
data frames.
When any of the three possible errors occur, the FPGA is forced into an idle state, forcing INIT low. The FPGA will
remain in this state until either the RESET or PRGM pins are asserted The PGRM bits of the MPI control register can
also be used to reset out of the error condition and restart configuration.
If using any of the MPI modes to configure the FPGA, the specific type of bit stream error is written to one of the
MPI
registers by the FPGA configuration logic. This same information can also be read from the data register when
in asynchronous peripheral mode.
FPGA Configuration Modes
There are twelve methods for configuring the FPGA as show in Table 33. Eleven of the configuration modes are
selected on the M0, M1, M2, and M3 inputs. The twelfth configuration mode is accessed through the boundary-
scan interface. Some modes are used to select the frequency of the internal oscillator, which is the source for
CCLK in some configuration modes. The nominal frequencies of the internal oscillator are 1.25 MHz and 10 MHz.
There are three basic FPGA configuration modes: master, slave, and peripheral which includes MPI mode. The
configuration data can be transmitted to the FPGA serially or in parallel bytes. As a master, the FPGA provides the
control signals out to strobe data in. As a slave device, a clock is generated externally and provided into the CCLK
input. In the five peripheral modes, the FPGA acts as a microprocessor peripheral. Table 33 lists the functions of
the configuration mode pins.
Devices
OR4E02
OR4E04
OR4E06
Number of Frames
1796
2436
3076
Data Bits/Frame
900
1284
1540
Maximum Configuration Data (Number of bits/frame x Number of frames) 1,616,400
3,127,824
4,737,040
Maximum PROM Size (bits) (add configuration header and postamble)
1,616,648
3,128,072
4,737,288



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com