Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404848FS Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD404848FS
Description  4-Bit Single-Chip Microcomputer
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404848FS Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD404848FS Datasheet HTML 1Page - Renesas Technology Corp HD404848FS Datasheet HTML 2Page - Renesas Technology Corp HD404848FS Datasheet HTML 3Page - Renesas Technology Corp HD404848FS Datasheet HTML 4Page - Renesas Technology Corp HD404848FS Datasheet HTML 5Page - Renesas Technology Corp HD404848FS Datasheet HTML 6Page - Renesas Technology Corp HD404848FS Datasheet HTML 7Page - Renesas Technology Corp HD404848FS Datasheet HTML 8Page - Renesas Technology Corp HD404848FS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 127 page
background image
HD404849 Series
2
 Six by internal sources
• Subroutine stack up to 16 levels, including interrupts
• Four low-power dissipation modes
 Standby mode
 Stop mode
 Watch mode
 Subactive mode
• One external input for transition from stop mode to active mode
• Instruction cycle time: 0.89 µs (f
OSC = 4.5 MHz)
• Operation voltage
 V
CC = 2.7 V to 6.0 V (subactive mode: 2.2 V to 6.0 V) (HD404848, HD404849)
 V
CC = 2.7 V to 5.5 V (HD4074849)
• Two operating modes
 MCU mode (HD404848, HD4048412, HD404849)
 MCU/PROM mode (HD4074849 only)
Ordering Information
Type
Product Name
Model Name
ROM (words)
RAM (digits)
Package
Mask ROM
HD404848
HD404848H
8,192
512
80-pin plastic QFP
(FP-80A)
HD404848FS
80-pin plastic QFP
(FP-80B)
HD404848TF
80-pin plastic
TQFP (TFP-80C)
HD4048412
HD4048412H
12,288
1,184
80-pin plastic QFP
(FP-80A)
HD4048412FS
80-pin plastic QFP
(FP-80B)
HD4048412TF
80-pin plastic
TQFP (TFP-80C)
HD404849
HD404849H
16,384
1,184
80-pin plastic QFP
(FP-80A)
HD404849FS
80-pin plastic QFP
(FP-80B)
HD404849TF
80-pin plastic
TQFP (TFP-80C)
ZTAT
™
HD4074849
HD4074849H
16,384
1,184
80-pin plastic QFP
(FP-80A)
HD4074849FS
80-pin plastic QFP
(FP-80B)
HD4074849TF
80-pin plastic
TQFP (TFP-80C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com