Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404848FS Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # HD404848FS
Description  4-Bit Single-Chip Microcomputer
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404848FS Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button HD404848FS Datasheet HTML 22Page - Renesas Technology Corp HD404848FS Datasheet HTML 23Page - Renesas Technology Corp HD404848FS Datasheet HTML 24Page - Renesas Technology Corp HD404848FS Datasheet HTML 25Page - Renesas Technology Corp HD404848FS Datasheet HTML 26Page - Renesas Technology Corp HD404848FS Datasheet HTML 27Page - Renesas Technology Corp HD404848FS Datasheet HTML 28Page - Renesas Technology Corp HD404848FS Datasheet HTML 29Page - Renesas Technology Corp HD404848FS Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 127 page
background image
HD404849 Series
24
Bit
Initial value
Read/Write
Bit name
3
0
W
ESR23
2
0
W
ESR22
0
—
—
Not used
1
—
—
Not used
Detection edge selection register 2 (ESR2: $027)
ESR23
0
1
ESR22
0
1
0
1
EVND detection edge
No detection
Falling-edge detection
Rising-edge detection
Double-edge detection
Note:
Both falling and rising edges are detected.
*
*
Figure 13 Detection Edge Selection Register 2 (ESR2)
External Interrupt Masks (IM0–IM3: $000, $001, $022): Prevent (mask) interrupt requests caused by
the corresponding external interrupt request flags, as listed in table 6.
Table 6 External Interrupt Masks (IM0–IM3: $000, $001, $022)
IM0–IM3
Interrupt Request
0
Enabled
1
Disabled (masked)
Timer A Interrupt Request Flag (IFTA: $001, Bit 2): Set by overflow output from timer A, as listed in
table 7.
Table 7 Timer A Interrupt Request Flag (IFTA: $001, Bit 2)
IFTA
Interrupt Request
0No
1
Yes
Timer A Interrupt Mask (IMTA: $001, Bit 3): Prevents (masks) an interrupt request caused by the
timer A interrupt request flag, as listed in table 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com