Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404848FS Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # HD404848FS
Description  4-Bit Single-Chip Microcomputer
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404848FS Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button HD404848FS Datasheet HTML 24Page - Renesas Technology Corp HD404848FS Datasheet HTML 25Page - Renesas Technology Corp HD404848FS Datasheet HTML 26Page - Renesas Technology Corp HD404848FS Datasheet HTML 27Page - Renesas Technology Corp HD404848FS Datasheet HTML 28Page - Renesas Technology Corp HD404848FS Datasheet HTML 29Page - Renesas Technology Corp HD404848FS Datasheet HTML 30Page - Renesas Technology Corp HD404848FS Datasheet HTML 31Page - Renesas Technology Corp HD404848FS Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 127 page
background image
HD404849 Series
26
Timer D Interrupt Request Flag (IFTD: $003, Bit 0): Set by overflow output from timer D, or by the
rising or falling edge of signals input to EVND when the input capture function is used, as listed in table
13.
Table 13 Timer D Interrupt Request Flag (IFTD: $003, Bit 0)
IFTD
Interrupt Request
0No
1
Yes
Timer D Interrupt Mask (IMTD: $003, Bit 1): Prevents (masks) an interrupt request caused by the
timer D interrupt request flag, as listed in table 14.
Table 14 Timer D Interrupt Mask (IMTD: $003, Bit 1)
IMTD
Interrupt Request
0
Enabled
1
Disabled (masked)
Serial Interrupt Request Flag (IFS: $023, Bit 2): Set when data transfer is completed or when data
transfer is suspended, as listed in table 15.
Table 15 Serial Interrupt Request Flag (IFS: $023, Bit 2)
IFS
Interrupt Request
0No
1
Yes
Serial Interrupt Mask (IMS: $023, Bit 3): Prevents (masks) an interrupt request caused by the serial
interrupt request flag, as listed in table 16.
Table 16 Serial Interrupt Mask (IMS: $023, Bit 3)
IMS
Interrupt Request
0
Enabled
1
Disabled (masked)
A/D Interrupt Request Flag (IFAD: $003, Bit 2): Set at the completion of A/D conversion, as listed in
table 17.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com