Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404848FS Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # HD404848FS
Description  4-Bit Single-Chip Microcomputer
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404848FS Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button HD404848FS Datasheet HTML 61Page - Renesas Technology Corp HD404848FS Datasheet HTML 62Page - Renesas Technology Corp HD404848FS Datasheet HTML 63Page - Renesas Technology Corp HD404848FS Datasheet HTML 64Page - Renesas Technology Corp HD404848FS Datasheet HTML 65Page - Renesas Technology Corp HD404848FS Datasheet HTML 66Page - Renesas Technology Corp HD404848FS Datasheet HTML 67Page - Renesas Technology Corp HD404848FS Datasheet HTML 68Page - Renesas Technology Corp HD404848FS Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 127 page
background image
HD404849 Series
63
Timer B is initialized by writing to timer write register B (TWBL: $00A, TWBU: $00B). In this case,
the lower digit (TWBL) must be written to first, but writing only to the lower digit does not change the
timer B value. Timer B is initialized to the value in timer write register B at the same time the upper
digit (TWBU) is written to. When timer write register B is written to again and if the lower digit value
needs no change, writing only to the upper digit initializes timer B.
Bit
Initial value
Read/Write
Bit name
3
0
W
TWBL3
2
0
W
TWBL2
0
0
W
TWBL0
1
0
W
TWBL1
Timer write register B (lower digit) (TWBL: $00A)
Figure 46 Timer Write Register B Lower Digit (TWBL)
Bit
Initial value
Read/Write
Bit name
3
Undefined
W
TWBU3
2
Undefined
W
TWBU2
0
Undefined
W
TWBU0
1
Undefined
W
TWBU1
Timer write register B (upper digit) (TWBU: $00B)
Figure 47 Timer Write Register B Upper Digit (TWBU)
• Timer read register B (TRBL: $00A, TRBU: $00B): Read-only register consisting of a lower digit
(TRBL) and upper digit (TRBU) that holds the count of the timer B upper digit. See figures 48 and 49.
The upper digit (TRBU) must be read first. At this time, the count of the timer B upper digit is
obtained, and the count of the timer B lower digit is latched to the lower digit (TRBL). After this, by
reading TRBL, the count of timer B when TRBU was read can be obtained.
Bit
Initial value
Read/Write
Bit name
3
Undefined
R
TRBL3
2
Undefined
R
TRBL2
0
Undefined
R
TRBL0
1
Undefined
R
TRBL1
Timer read register B (lower digit) (TRBL: $00A)
Figure 48 Timer Read Register B Lower Digit (TRBL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com