Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404848FS Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD404848FS
Description  4-Bit Single-Chip Microcomputer
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404848FS Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HD404848FS Datasheet HTML 2Page - Renesas Technology Corp HD404848FS Datasheet HTML 3Page - Renesas Technology Corp HD404848FS Datasheet HTML 4Page - Renesas Technology Corp HD404848FS Datasheet HTML 5Page - Renesas Technology Corp HD404848FS Datasheet HTML 6Page - Renesas Technology Corp HD404848FS Datasheet HTML 7Page - Renesas Technology Corp HD404848FS Datasheet HTML 8Page - Renesas Technology Corp HD404848FS Datasheet HTML 9Page - Renesas Technology Corp HD404848FS Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 127 page
background image
HD404849 Series
4
Pin Description
Pin Number
Item
Symbol
FP-80A ,TFP-80C FP-80B
I/O
Function
Power supply
V
CC
73
75
Applies power voltage
GND
10
12
Connected to ground
Test
TEST
4
6
I
Used for factory testing only: Connect
this pin to GND
Reset
RESET
7
9
I
Resets the MCU
Oscillator
OSC
1
5
7
I
Input/output pins for the internal
oscillator circuit:
Connect them to a ceramic oscillator
or connect OSC1 to an external
oscillator circuit.
OSC
2
68
O
X1
8
10
I
Used for a 32.768-kHz crystal for
clock purposes. If not to be used, fix
the X1 pin to VCC and leave the X2
pin open.
X2
9
11
O
Port
D
0–D 8
11–19
13–21
I/O
Input/output pins addressed by
individual bits; pins D
0–D 8 are high-
current pins that can each supply up
to 15 mA
D
10, D11
20, 21
22, 23
I
Input pins addressable by individual
bits
R0–R3, R6,
R7
22–33, 79, 80,
1, 2, 34–41
24–35, 1–4,
36–43
I/O
Input/output pins addressable in 4-bit
units
Interrupt
INT
0, INT1,
INT
2, INT3
21–24
23–26
I
Input pins for external interrupts
Stop clear
STOPC
20
22
I
Input pin for transition from stop mode
to active mode
Serial
SCK
31
33
I/O
Serial clock input/output pin
SI
32
34
I
Serial receive data input pin
SO
33
35
O
Serial transmit data output pin
Timer
TOB, TOC,
TOD
26–28
28–30
O
Timer output pins
EVNB,
EVND
29, 30
31, 32
I
Event count input pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com