Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404848FS Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # HD404848FS
Description  4-Bit Single-Chip Microcomputer
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404848FS Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button HD404848FS Datasheet HTML 78Page - Renesas Technology Corp HD404848FS Datasheet HTML 79Page - Renesas Technology Corp HD404848FS Datasheet HTML 80Page - Renesas Technology Corp HD404848FS Datasheet HTML 81Page - Renesas Technology Corp HD404848FS Datasheet HTML 82Page - Renesas Technology Corp HD404848FS Datasheet HTML 83Page - Renesas Technology Corp HD404848FS Datasheet HTML 84Page - Renesas Technology Corp HD404848FS Datasheet HTML 85Page - Renesas Technology Corp HD404848FS Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 127 page
background image
HD404849 Series
80
Serial mode
register B
(SMRB)
SCK
Selector
System
clock
øPER
Prescaler S (PSS)
Idle
controller
3
Serial mode
register A
(SMRA)
Clock
Serial data
register (SR)
Serial interrupt
request flag
(IFS)
1/2
1/2
SI
SO
Octal
counter (OC)
I/O
controller
Transfer
control
signal
Figure 66 Block Diagram of Serial Interface
Serial Interface Operation
Selecting and Changing the Operating Mode: Table 28 lists the serial interface’s operating modes. To
select an operating mode, use one of these combinations of port mode register A (PMRA: $004) and serial
mode register A (SMRA: $005) settings; to change the operating mode, always initialize the serial interface
internally by writing data to serial mode register A. Note that the serial interface is initialized by writing
data to serial mode register A. Refer to the following Serial Mode Register A section for details.
Table 28 Serial Interface Operating Modes
SMRA
PMRA
Bit 3
Bit 1
Bit 0
Operating Mode
1
0
0
Clock continuous output mode
1
Transmit mode
1
0
Receive mode
1
Transmit/receive mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com