Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404848FS Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # HD404848FS
Description  4-Bit Single-Chip Microcomputer
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404848FS Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button HD404848FS Datasheet HTML 73Page - Renesas Technology Corp HD404848FS Datasheet HTML 74Page - Renesas Technology Corp HD404848FS Datasheet HTML 75Page - Renesas Technology Corp HD404848FS Datasheet HTML 76Page - Renesas Technology Corp HD404848FS Datasheet HTML 77Page - Renesas Technology Corp HD404848FS Datasheet HTML 78Page - Renesas Technology Corp HD404848FS Datasheet HTML 79Page - Renesas Technology Corp HD404848FS Datasheet HTML 80Page - Renesas Technology Corp HD404848FS Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 127 page
background image
HD404849 Series
75
Bit
Initial value
Read/Write
Bit name
3
0
R/W
TMD23
2
0
R/W
TMD22
0
0
R/W
TMD20
1
0
R/W
TMD21
Timer mode register D2 (TMD2: $015)
TMD22
TMD20
0
1
0
1
0
1
0
1
TMD21
0
1
0
1
0
1
R12/TOD mode selection
R12
TOD
TOD
TOD
—
TOD
R12
R12 port
Toggle output
0 output
1 output
Inhibited
PWM output
Input capture (R12 port)
TMD23
0
1
Don’t care
Don’t care
Don’t care
Figure 60 Timer Mode Register D2 (TMD2)
• Timer write register D (TWDL: $011, TWDU: $012): Write-only register consisting of a lower digit
(TWDL) and upper digit (TWDU). See figures 61 and 62. The operation of timer write register D is
basically the same as that of timer write register B (TWBL: $00A, TWBU: $00B).
Bit
Initial value
Read/Write
Bit name
3
0
W
TWDL3
2
0
W
TWDL2
0
0
W
TWDL0
1
0
W
TWDL1
Timer write register D (lower digit) (TWDL: $011)
Figure 61 Timer Write Register D Lower Digit (TWDL)
Bit
Initial value
Read/Write
Bit name
3
Undefined
W
TWDU3
2
Undefined
W
TWDU2
0
Undefined
W
TWDU0
1
Undefined
W
TWDU1
Timer write register D (upper digit) (TWDU: $012)
Figure 62 Timer Write Register D Upper Digit (TWDU)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com