Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404848FS Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # HD404848FS
Description  4-Bit Single-Chip Microcomputer
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404848FS Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button HD404848FS Datasheet HTML 55Page - Renesas Technology Corp HD404848FS Datasheet HTML 56Page - Renesas Technology Corp HD404848FS Datasheet HTML 57Page - Renesas Technology Corp HD404848FS Datasheet HTML 58Page - Renesas Technology Corp HD404848FS Datasheet HTML 59Page - Renesas Technology Corp HD404848FS Datasheet HTML 60Page - Renesas Technology Corp HD404848FS Datasheet HTML 61Page - Renesas Technology Corp HD404848FS Datasheet HTML 62Page - Renesas Technology Corp HD404848FS Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 127 page
background image
HD404849 Series
57
1/4
1/2
32.768-kHz
oscillator
System
clock
Prescaler W
(PSW)
Selector
Selector
Prescaler S (PSS)
Timer A interrupt
request flag
(IFTA)
Clock
Overflow
Timer
counter A
(TCA)
Timer mode
register A
(TMA)
3
2 f
1/2 twcyc
f
twcyc
ø PER
W
W
Figure 40 Block Diagram of Timer A
Timer A Operations:
• Free-running timer operation: The input clock for timer A is selected by timer mode register A (TMA:
$008).
Timer A is reset to $00 by MCU reset and incremented at each input clock. If an input clock is applied
to timer A after it has reached $FF, an overflow is generated, and timer A is reset to $00. The overflow
sets the timer A interrupt request flag (IFTA: $001, bit 2). Timer A continues to be incremented after
reset to $00, and therefore it generates regular interrupts every 256 clocks.
• Clock time-base operation: Timer A is used as a clock time-base by setting bit 3 (TMA3) of timer
mode register A (TMA: $008) to 1. The prescaler W output is applied to timer A, and timer A
generates interrupts at the correct timing based on the 32.768-kHz crystal oscillation. In this case,
prescaler W and timer A can be reset to $00 by software.
Registers for Timer A Operation: Timer A operating modes are set by the following registers.
• Timer mode register A (TMA: $008): Four-bit write-only register that selects timer A’s operating mode
and input clock source as shown in figure 41.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com