Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4553 Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # 4553
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4553 Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button 4553 Datasheet HTML 38Page - Renesas Technology Corp 4553 Datasheet HTML 39Page - Renesas Technology Corp 4553 Datasheet HTML 40Page - Renesas Technology Corp 4553 Datasheet HTML 41Page - Renesas Technology Corp 4553 Datasheet HTML 42Page - Renesas Technology Corp 4553 Datasheet HTML 43Page - Renesas Technology Corp 4553 Datasheet HTML 44Page - Renesas Technology Corp 4553 Datasheet HTML 45Page - Renesas Technology Corp 4553 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 145 page
background image
Rev.3.02
Dec 22, 2006
page 42 of 142
REJ03B0024-0302
4553 Group
LCD FUNCTION
The 4553 Group has an LCD (Liquid Crystal Display) controller/
driver. When the proper voltage is applied to LCD power supply in-
put pins (VLC1–VLC3) and data are set in timer control register
(W4), timer LC, LCD control registers (L1, L2, L3, C1, C2), and
LCD RAM, the LCD controller/driver automatically reads the dis-
play data and controls the LCD display by setting duty and bias.
4 common signal output pins and 29 segment signal output pins
can be used to drive the LCD. By using these pins, up to 116 seg-
ments (when 1/4 duty and 1/3 bias are selected) can be controlled
to display. The LCD power input pins (VLC1–VLC3) are also used as
pins SEG0–SEG2. When SEG0–SEG2 are selected, the internal
power (VDD) is used for the LCD power.
(1) Duty and bias
There are 3 combinations of duty and bias for displaying data on
the LCD. Use bits 0 and 1 of LCD control register (L1) to select the
proper display method for the LCD panel being used.
• 1/2 duty, 1/2 bias
• 1/3 duty, 1/3 bias
• 1/4 duty, 1/3 bias
Table 11 Duty and maximum number of displayed pixels
(2) LCD clock control
The LCD clock is determined by the timer LC count source selec-
tion bit (W42), timer LC control bit (W43), and timer LC.
Accordingly, the frequency (F) of the LCD clock is obtained by the
following formula. Numbers (➀ to ➂) shown below the formula cor-
respond to numbers in Figure 32, respectively.
• When using the prescaler output (ORCLK) as timer LC count
source (W42=“1”)
F = ORCLK ✕✕
• When using the bit 4 of timer 3 as timer LC count source (W42=“0”)
F =
T34
✕✕
[LC: 0 to 15]
The frame frequency and frame period for each display method
can be obtained by the following formula:
Frame frequency =
(Hz)
Frame period =
(s)
F: LCD clock frequency
1/n: Duty
Fig. 32 LCD clock control circuit structure
Duty
1/2
1/3
1/4
Used COM pins
COM0, COM1 (Note)
COM0–COM2 (Note)
COM0–COM3
Maximum number of displayed pixels
58 segments
87 segments
116 segments
Note: Leave unused COM pins open.
1
LC + 1
1
2
➀➁
➂
1
LC + 1
➀➁
➂
F
n
n
F
1
2
Note: Count source is stopped by setting “0” to this bit.
Timer LC
1/2
W43
0
1
(Note)
T34
W42
0
1
STCK
LCD clock
(4 )
Reload register RLC
(4 )
Register A
( TLCA )
( TLCA)
➀
➁
➂



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com