Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4553 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # 4553
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4553 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button 4553 Datasheet HTML 18Page - Renesas Technology Corp 4553 Datasheet HTML 19Page - Renesas Technology Corp 4553 Datasheet HTML 20Page - Renesas Technology Corp 4553 Datasheet HTML 21Page - Renesas Technology Corp 4553 Datasheet HTML 22Page - Renesas Technology Corp 4553 Datasheet HTML 23Page - Renesas Technology Corp 4553 Datasheet HTML 24Page - Renesas Technology Corp 4553 Datasheet HTML 25Page - Renesas Technology Corp 4553 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 145 page
background image
Rev.3.02
Dec 22, 2006
page 22 of 142
REJ03B0024-0302
4553 Group
(4) Internal state during an interrupt
The internal state of the microcomputer during an interrupt is as fol-
lows (Figure 14).
• Program counter (PC)
An interrupt address is set in program counter. The address to be
executed when returning to the main routine is automatically
stored in the stack register (SK).
• Interrupt enable flag (INTE)
INTE flag is cleared to “0” so that interrupts are disabled.
• Interrupt request flag
Only the request flag for the current interrupt source is cleared to
“0.”
• Data pointer, carry flag, skip flag, registers A and B
The contents of these registers and flags are stored automatically
in the interrupt stack register (SDP).
(5) Interrupt processing
When an interrupt occurs, a program at an interrupt address is ex-
ecuted after branching a data store sequence to stack register.
Write the branch instruction to an interrupt service routine at an in-
terrupt address.
Use the RTI instruction to return from an interrupt service routine.
Interrupt enabled by executing the EI instruction is performed after
executing 1 instruction (just after the next instruction is executed).
Accordingly, when the EI instruction is executed just before the RTI
instruction, interrupts are enabled after returning the main routine.
(Refer to Figure 13)
Fig. 13 Program example of interrupt processing
• Program counter (PC)
............................................................... Each interrupt address
• Stack register (SK)
....................................................................................................
• Interrupt enable flag (INTE)
.................................................................. 0 (Interrupt disabled)
• Interrupt request flag (only the flag for the current interrupt
source) ................................................................................... 0
• Data pointer, carry flag, registers A and B, skip flag
........ Stored in the interrupt stack register (SDP) automatically
The address of main routine to be
executed when returning
Fig. 15 Interrupt system diagram
Fig. 14 Internal state when interrupt occurs
EI
RTI
Interrupt
service routine
Interrupt
occurs
Interrupt is
enabled
Main
routine
: Interrupt enabled state
: Interrupt disabled state
•
•
•
•
EXF0
V10
Address 4
in page 1
Address 0
in page 1
Timer 1
underflow
Timer 2
underflow
T1F
V12
Request flag
(state retained)
Enable bit
Enable flag
Activated
condition
V13
Address 6
in page 1
INTE
T2F
V20
T3F
INT pin interrupt
waveform input
Timer 3
underflow
Address 8
in page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com