Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4553 Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # 4553
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4553 Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button 4553 Datasheet HTML 83Page - Renesas Technology Corp 4553 Datasheet HTML 84Page - Renesas Technology Corp 4553 Datasheet HTML 85Page - Renesas Technology Corp 4553 Datasheet HTML 86Page - Renesas Technology Corp 4553 Datasheet HTML 87Page - Renesas Technology Corp 4553 Datasheet HTML 88Page - Renesas Technology Corp 4553 Datasheet HTML 89Page - Renesas Technology Corp 4553 Datasheet HTML 90Page - Renesas Technology Corp 4553 Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 145 page
background image
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Rev.3.02
Dec 22, 2006
page 87 of 142
REJ03B0024-0302
4553 Group
RB j (Reset Bit)
00010011j
j
0
4
11
––
Grouping:
Bit operation
Description: Clears (0) the contents of bit j (bit specified
by the value j in the immediate field) of
M(DP).
Operation:
(Mj(DP))
← 0
j = 0 to 3
C
+j
MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued)
RC (Reset Carry flag)
0000000110
006
11
0
–
Grouping:
Arithmetic operation
Description: Clears (0) to carry flag CY.
Operation:
(CY)
← 0
RAR (Rotate Accumulator Right)
0000011101
01
D
1
1
0/1
–
Grouping:
Arithmetic operation
Description: Rotates 1 bit of the contents of register A in-
cluding the contents of carry flag CY to the
right.
Operation:
→ CY → A3A2A1A0
RCP (Reset Port C)
1010001100
28C
11
0
–
Grouping:
Input/Output operation
Description: Clears (0) to carry flag CY.
Operation:
(C)
← 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com