| Electronic Components Datasheet Search |
|
4553 Datasheet(PDF) 83 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4553 Datasheet(HTML) 83 Page - Renesas Technology Corp |
|
83 / 145 page ![]() Skip condition Number of cycles Number of words Instruction code D9 D0 Flag CY 2 16 Skip condition Number of cycles Number of words Instruction code D9 D0 Flag CY 2 16 Skip condition Number of cycles Number of words Instruction code D9 D0 Flag CY 2 16 Skip condition Number of cycles Number of words Instruction code D9 D0 Flag CY 2 16 Rev.3.02 Dec 22, 2006 page 83 of 142 REJ03B0024-0302 4553 Group EI (Enable Interrupt) 0000000101 005 11 – – Grouping: Interrupt control operation Description: Sets (1) to interrupt enable flag INTE, and enables the interrupt. Note: Interrupt is enabled by executing the EI in- struction after executing 1 machine cycle. Operation: (INTE) ← 1 MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued) IAP0 (Input Accumulator from port P0) 1001100000 260 11 – – Grouping: Input/Output operation Description: Transfers the input of port P0 to register A. IAP1 (Input Accumulator from port P1) 1001100001 261 11 – – Grouping: Input/Output operation Description: Transfers the input of port P1 to register A. Operation: (A) ← (P1) Operation: (A) ← (P0) 0001011011 05B 11 – – Grouping: Other operation Description: Makes the immediate after POF instruction or POF2 instruction valid by executing the EPOF instruction. Operation: POF instruction, POF2 instruction valid EPOF (Enable POF instruction) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |