Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4553 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # 4553
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4553 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button 4553 Datasheet HTML 27Page - Renesas Technology Corp 4553 Datasheet HTML 28Page - Renesas Technology Corp 4553 Datasheet HTML 29Page - Renesas Technology Corp 4553 Datasheet HTML 30Page - Renesas Technology Corp 4553 Datasheet HTML 31Page - Renesas Technology Corp 4553 Datasheet HTML 32Page - Renesas Technology Corp 4553 Datasheet HTML 33Page - Renesas Technology Corp 4553 Datasheet HTML 34Page - Renesas Technology Corp 4553 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 145 page
background image
Rev.3.02
Dec 22, 2006
page 31 of 142
REJ03B0024-0302
4553 Group
Fig. 23 Timer structure (2)
1
W42
0
W31, W30
01
00
10
11
T3F
(TLCA)
(TLCA)
Timer 3
interrupt
Timer 3 underflow signal (T3UDF)
Timer LC (4)
Reload register RLC (4)
Register A
1/2
LCD
clock
W43
STCK
1 - - 4 - - - - - - - - 13 14 15 16
Timer 3 (16)
W32
XCIN
1 - - - - - - - - - - - - - - 16
Watchdog timer
INTSNC
Q
R
S
WDF1
WRST instruction
Q
R
S
WEF
DWDT instruction
+
WRST instruction
RESET signal
Q
T
D
R
RESET signal
Watchdog reset signal
1
W33
0
ORCLK
(Note)
Notes: The WEF flag is set to “1” at system reset or RAM back-up mode.
Data is set automatically from each reload register
when timer underflows
(auto-reload function).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com