Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4553 Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # 4553
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4553 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button 4553 Datasheet HTML 61Page - Renesas Technology Corp 4553 Datasheet HTML 62Page - Renesas Technology Corp 4553 Datasheet HTML 63Page - Renesas Technology Corp 4553 Datasheet HTML 64Page - Renesas Technology Corp 4553 Datasheet HTML 65Page - Renesas Technology Corp 4553 Datasheet HTML 66Page - Renesas Technology Corp 4553 Datasheet HTML 67Page - Renesas Technology Corp 4553 Datasheet HTML 68Page - Renesas Technology Corp 4553 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 145 page
background image
Rev.3.02
Dec 22, 2006
page 65 of 142
REJ03B0024-0302
4553 Group
Timer 2 and Timer LC count start timing and count time when
operation starts
Count starts from the rising edge (2) after the first falling edge of
the count source, after Timer 2 and Timer LC operations start (1).
Time to first underflow (3) is different from time among next un-
derflow (4) by the timing to start the timer and count source
operations after count starts.
Fig. 63 Timer count start timing and count time when opera-
tion starts (Timer 2 and Timer LC)
14
Fig. 62 Timer count start timing and count time when opera-
tion starts (Prescaler and Timer 1)
Prescaler and Timer 1 count start timing and count time when
operation starts
Count starts from the first rising edge of the count source (2) af-
ter Prescaler and Timer 1 operations start (1).
Time to first underflow (3) is shorter (for up to 1 period of the
count source) than time among next underflow (4) by the timing
to start the timer and count source operations after count starts.
When selecting CNTR input as the count source of Timer 1,
Timer 1 operates synchronizing with the falling edge of CNTR in-
put.
13
(1) Timer Start
Count Source
Timer Value
Timer Underflow signal
3
2
1
032
103
(4)
(3)
(2)
2
Count Source
Selecting CNTR input
falling edge
(1) Timer Start
Count Source
Timer Value
Timer Underflow Signal
3
2
1
032
103
(4)
(3)
(2)
Watchdog timer
• The watchdog timer function is valid after system is released
from reset. When not using the watchdog timer function, execute
the DWDT instruction and the WRST instruction continuously,
and clear the WEF flag to “0” to stop the watchdog timer function.
• The watchdog timer function is valid after system is returned from
the power down state. When not using the watchdog timer func-
tion, execute the DWDT instruction and the WRST instruction
continuously every system is returned from the power down
state, and stop the watchdog timer function.
• When the watchdog timer function and power down function are
used at the same time, execute the WRST instruction before sys-
tem enters into the power down state and initialize the flag
WDF1.
Multifunction
• Be careful that the output of port D5 can be used even when INT
pin is selected.
The threshold value is different between port D5 and INT. Accord-
ingly, be careful when the input of both is used.
• Be careful that the “H” output of port C can be used even when
output of CNTR pin are selected.
Program counter
Make sure that the PCH does not specify after the last page of
the built-in ROM.
15
16
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com