Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4553 Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # 4553
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4553 Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button 4553 Datasheet HTML 65Page - Renesas Technology Corp 4553 Datasheet HTML 66Page - Renesas Technology Corp 4553 Datasheet HTML 67Page - Renesas Technology Corp 4553 Datasheet HTML 68Page - Renesas Technology Corp 4553 Datasheet HTML 69Page - Renesas Technology Corp 4553 Datasheet HTML 70Page - Renesas Technology Corp 4553 Datasheet HTML 71Page - Renesas Technology Corp 4553 Datasheet HTML 72Page - Renesas Technology Corp 4553 Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 145 page
background image
Rev.3.02
Dec 22, 2006
page 69 of 142
REJ03B0024-0302
4553 Group
CNTR pin output invalid
CNTR pin output valid
PWM signal “H” interval expansion function invalid
PWM signal “H” interval expansion function valid
Stop (state retained)
Operating
XIN input
Prescaler output (ORCLK)/2 signal output
CNTR pin output control bit
PWM signal interrupt valid waveform/
return level selection bit
Timer 2 control bit
Timer 2 count soruce selection bit
0
1
0
1
0
1
0
1
Timer control register W2
at power down : 00002
at reset : 00002
Notes 1: “R” represents read enabled, and “W” represents write enabled.
2: The oscillation circuit selected for system clock cannot be stopped.
3: This function is valid only when the timer 1 count start synchronous circuit is selected (I10=“1”).
4: Port C output is invalid when CNTR input is selected for the timer 1 count source.
W23
W22
W21
W20
0
1
Stop (state retained)
Operating
Prescaler control bit
Timer control register PA
W
TPAA
at power down : 02
at reset : 02
PA0
W11
0
0
1
1
Timer 1 count auto-stop circuit not selected
Timer 1 count auto-stop circuit selected
Stop (state retained)
Operating
Count source
PWM signal (PWMOUT)
Prescaler output (ORCLK)
Timer 3 underflow signal (T3UDF)
CNTR input
Timer 1 count auto-stop circuit selection
bit (Note 3)
Timer 1 control bit
Timer 1 count source selection bits
(Note 4)
0
1
0
1
W10
0
1
0
1
Timer control register W1
R/W
TAW1/TW1A
at power down : state retained
at reset : 00002
W13
W12
W11
W10
W31
0
0
1
1
XCIN input
Prescaler output (ORCLK)
Stop (Initial state)
Operating
Count value
Underflow occurs every 8192 counts
Underflow occurs every 16384 counts
Underflow occurs every 32768 counts
Underflow occurs every 65536 counts
Timer 3 count auto-stop circuit selection
bit
Timer 3 control bit
Timer 3 count value selection bits
0
1
0
1
W30
0
1
0
1
Timer control register W3
at power down : state retained
at reset : 00002
W33
W32
W31
W30
R/W
TAW2/TW2A
R/W
TAW3/TW3A
Sub-clock (f(XCIN)) oscillation available, ports D6 and D7 not selected
Sub-clock (f(XCIN)) oscillation stop, ports D6 and D7 selected
Main clock (f(XIN)) oscillation available
Main clock (f(XIN)) oscillation stop
On-chip oscillator (f(RING)) oscillation available
On-chip oscillator (f(RING)) oscillation stop
Sub-clock (f(XCIN)) control bit (Note 2)
Main-clock (f(XIN)) control bit (Note 2)
On-chip oscillator (f(RING)) control bit
(Note 2)
0
1
0
1
0
1
Clock control register RG
W
TRGA
at power down : state retained
at reset : 0002
RG2
RG1
RG0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com