Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7516 Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # 7516
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7516 Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button 7516 Datasheet HTML 38Page - Renesas Technology Corp 7516 Datasheet HTML 39Page - Renesas Technology Corp 7516 Datasheet HTML 40Page - Renesas Technology Corp 7516 Datasheet HTML 41Page - Renesas Technology Corp 7516 Datasheet HTML 42Page - Renesas Technology Corp 7516 Datasheet HTML 43Page - Renesas Technology Corp 7516 Datasheet HTML 44Page - Renesas Technology Corp 7516 Datasheet HTML 45Page - Renesas Technology Corp 7516 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 90 page
background image
Rev.1.01
Jul 01, 2003
page 42 of 89
7516 Group
A-D CONVERTER
[A-D Conversion Registers (ADL, ADH)]
003516, 003616
The A-D conversion registers are read-only registers that store the
result of an A-D conversion. Do not read these registers during an
A-D conversion
[AD Control Register (ADCON)] 003416
The AD control register controls the A-D conversion process. Bits
0 to 2 select a specific analog input pin. Bit 4 indicates the
completion of an A-D conversion. The value of this bit remains at
“0” during an A-D conversion and changes to “1” when an A-D
conversion ends. Writing “0” to this bit starts the A-D conversion.
Comparison Voltage Generator
The comparison voltage generator divides the voltage between
AVSS and VREF into 1024 and outputs the divided voltages.
Channel Selector
The channel selector selects one of ports P30/AN0 to P37/AN7 and
inputs the voltage to the comparator.
Comparator and Control Circuit
The comparator and control circuit compare an analog input volt-
age with the comparison voltage, and the result is stored in the
A-D conversion registers. When an A-D conversion is completed,
the control circuit sets the A-D conversion completion bit and the
A-D interrupt request bit to “1”.
Note that because the comparator consists of a capacitor cou-
pling, set f(XIN) to 500 kHz or more during an A-D conversion.
When the A-D converter is operated at low-speed mode, f(XIN)
and f(XCIN) do not have the lower limit of frequency, because of
the A-D converter has a built-in self-oscillation circuit.
Fig. 44 Structure of AD control register
Fig. 45 Structure of A-D conversion registers
Fig. 46 Block diagram of A-D converter
AD control register
(ADCON : address 003416)
Analog input pin selection bits
b2 b1 b0
0 0 0: P30/AN0
0 0 1: P31/AN1
0 1 0: P32/AN2
0 1 1: P33/AN3
1 0 0: P34/AN4
1 0 1: P35/AN5
1 1 0: P36/AN6
1 1 1: P37/AN7
Not used (returns “0” when read)
A-D conversion completion bit
0: Conversion in progress
1: Conversion completed
Not used (returns “0” when read)
b7
b0
10-bit reading
(Read address 003616 before 003516)
(Address 003616)
(Address 003516)
8-bit reading (Read only address 003516)
(Address 003516)
b8
b7 b6 b5 b4 b3 b2 b1 b0
b7
b0
b9
b7
b0
Note : The high-order 6 bits of address 003616 become “0”
at reading.
b9 b8 b7 b6 b5 b4 b3 b2
b7
b0
A-D control circuit
A-D conversion low-order register
Resistor ladder
VREF AVSS
Comparator
A-D interrupt request
b7
b0
3
10
P30/AN0
P31/AN1
P32/AN2
P33/AN3
P34/AN4
Data bus
AD control register
A-D conversion high-order register
(Address 003416)
(Address 003616)
(Address 003516)
P35/AN5
P36/AN6
P37/AN7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com