Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7516 Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # 7516
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7516 Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button 7516 Datasheet HTML 71Page - Renesas Technology Corp 7516 Datasheet HTML 72Page - Renesas Technology Corp 7516 Datasheet HTML 73Page - Renesas Technology Corp 7516 Datasheet HTML 74Page - Renesas Technology Corp 7516 Datasheet HTML 75Page - Renesas Technology Corp 7516 Datasheet HTML 76Page - Renesas Technology Corp 7516 Datasheet HTML 77Page - Renesas Technology Corp 7516 Datasheet HTML 78Page - Renesas Technology Corp 7516 Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 90 page
background image
Rev.1.01
Jul 01, 2003
page 75 of 89
7516 Group
Flash memory Electrical characteristics
Table 20 Absolute maximum ratings
Power source voltage
Input voltage
P00–P07, P10–P17, P20, P21,
P24–P27, P30–P37, P40–P47,
VREF
Input voltage
P22, P23
Input voltage
RESET, XIN
Input voltage
CNVSS
Output voltage P00–P07, P10–P17, P20, P21,
P24–P27, P30–P37, P40–P47,
XOUT
Output voltage P22, P23
Power dissipation
Operating temperature
Storage temperature
VCC
VI
VI
VI
VI
VO
VO
Pd
Topr
Tstg
Symbol
Parameter
Conditions
Ratings
–0.3 to 6.5
–0.3 to VCC +0.3
–0.3 to 5.8
–0.3 to VCC +0.3
–0.3 to 6.5
–0.3 to VCC +0.3
–0.3 to 5.8
300
25±5
–40 to 125
V
V
V
V
V
V
V
mW
°C
°C
Unit
Ta = 25 °C
All voltages are based on VSS.
Output transistors are cut off.
Table 21 Flash memory mode Electrical characteristics
(Ta = 25 oC, VCC = 4.5 to 5.5V unless otherwise noted)
VPP power source current (read)
VPP power source current (program)
VPP power source current (erase)
VPP power source voltage
VCC power source voltage
Limits
Parameter
Min.
Typ.
Max.
Symbol
Unit
VPP = VCC
VPP = VCC
VPP = VCC
Microcomputer mode operation at
VCC = 2.7 to 5.5V
Microcomputer mode operation at
VCC = 2.7 to 3.6V
Conditions
IPP1
IPP2
IPP3
VPP
VCC
4.5
100
60
30
5.5
µA
mA
mA
V
4.5
3.0
5.5
3.6
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com