Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7516 Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # 7516
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7516 Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button 7516 Datasheet HTML 75Page - Renesas Technology Corp 7516 Datasheet HTML 76Page - Renesas Technology Corp 7516 Datasheet HTML 77Page - Renesas Technology Corp 7516 Datasheet HTML 78Page - Renesas Technology Corp 7516 Datasheet HTML 79Page - Renesas Technology Corp 7516 Datasheet HTML 80Page - Renesas Technology Corp 7516 Datasheet HTML 81Page - Renesas Technology Corp 7516 Datasheet HTML 82Page - Renesas Technology Corp 7516 Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 90 page
background image
Rev.1.01
Jul 01, 2003
page 79 of 89
7516 Group
Table 25 Recommended operating conditions (2)
(VCC = 2.7 to 5.5 V, Ta = –20 to 85 °C, unless otherwise noted)
–10
“H” peak output current
P00–P07, P10–P17, P20, P21, P24–P27, P30–P37,
P40–P47 (Note 1)
“L” peak output current
P00–P07, P20–P27, P30–P37, P40–P47 (Note 1)
“L” peak output current
P10–P17 (Note 1)
“H” average output current
P00–P07, P10–P17, P20, P21, P24–P27, P30–P37,
P40–P47 (Note 2)
“L” average output current
P00–P07, P20–P27, P30–P37, P40–P47 (Note 2)
“L” peak output current
P10–P17 (Note 2)
Internal clock oscillation frequency (VCC = 4.0 to 5.5V) (Note 3)
Internal clock oscillation frequency (VCC = 2.7 to 5.5V) (Note 3)
IOH(peak)
Symbol
Parameter
Limits
Min.
mA
Unit
Typ.
Max.
Notes 1: The peak output current is the peak current flowing in each port.
2: The average output current IOL(avg), IOH(avg) are average value measured over 100 ms.
3: When the oscillation frequency has a duty cycle of 50%.
IOL(peak)
IOL(peak)
IOH(avg)
IOL(avg)
IOL(avg)
f(XIN)
f(XIN)
10
20
–5
5
8
4
15
mA
mA
mA
mA
mA
MHz
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com