| Electronic Components Datasheet Search |
|
7516 Datasheet(PDF) 15 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7516 Datasheet(HTML) 15 Page - Renesas Technology Corp |
|
15 / 90 page ![]() Rev.1.01 Jul 01, 2003 page 15 of 89 7516 Group Fig. 11 Port block diagram (2) (9) Port P23 (10) Port P24 (12) Port P26 (11) Port P25 (14) Ports P30–P37 (13) Port P27 (15) Port P40 (16) Ports P41, P42 Data bus Port latch Direction register SDA/SCL pin selection bit I2C-BUS interface enable bit SCL output SCL input SDA output SDA input SDA/SCL pin selection bit I2C-BUS interface enable bit Data bus Port latch Direction register Data bus Port latch Direction register Data bus Port latch Direction register Data bus Port latch Direction register Data bus Port latch Direction register Data bus Port latch Direction register Data bus Port latch Direction register Serial I/O1 input Serial I/O1 enable bit Receive enable bit Serial I/O1 enable bit Serial I/O1 mode selection bit Serial I/O1 enable bit Serial I/O1 synchronous clock selection bit External clock input Serial I/O1 clock output P-channel output disable bit Serial I/O1 enable bit Transmit enable bit SDA/SCL pin selection bit I2C-BUS interface enable bit SCL input Serial I/O1 output SCL output CNTR0 interrupt input Pulse output mode Timer output Serial ready output A-D converter input Analog input pin selection bit Interrupt input CNTR1 interrupt input Pulse output mode Timer output Pulse output mode Serial I/O1 enable bit Serial I/O1 mode selection bit SRDY1 output enable bit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |