Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7516 Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # 7516
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7516 Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button 7516 Datasheet HTML 70Page - Renesas Technology Corp 7516 Datasheet HTML 71Page - Renesas Technology Corp 7516 Datasheet HTML 72Page - Renesas Technology Corp 7516 Datasheet HTML 73Page - Renesas Technology Corp 7516 Datasheet HTML 74Page - Renesas Technology Corp 7516 Datasheet HTML 75Page - Renesas Technology Corp 7516 Datasheet HTML 76Page - Renesas Technology Corp 7516 Datasheet HTML 77Page - Renesas Technology Corp 7516 Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 90 page
background image
Rev.1.01
Jul 01, 2003
page 74 of 89
7516 Group
Example Circuit Application for Standard
Serial I/O Mode
Figure 76 shows a circuit application for the standard serial I/O
mode. Control pins will vary according to a programmer, therefore
see a programmer manual for more information.
Fig. 76 Example circuit application for standard serial I/O mode
SRDY1 (BUSY)
SCLK
RXD
TXD
CNVss
Clock input
BUSY output
Data input
Data output
M37516F8
Notes 1: Control pins and external circuitry will vary according to peripheral unit. For more
information, see the peripheral unit manual.
2: In this example, the Vpp power supply is supplied from an external source (writer). To use
the user’s power source, connect to 4.5 V to 5.5 V.
3: It is necessary to apply Vcc to SCLK pin only when reset is released.
VPP power
source input
P41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com