Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F211B2DSP Datasheet(PDF) 103 Page - Renesas Technology Corp

Part # R5F211B2DSP
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER R8C FAMILY / R8C/1x SERIES
PDF  339 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F211B2DSP Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button R5F211B2DSP Datasheet HTML 99Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 100Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 101Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 102Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 103Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 104Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 105Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 106Page - Renesas Technology Corp R5F211B2DSP Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 339 page
background image
R8C/1A Group, R8C/1B Group
12. Interrupts
Rev.1.30
Dec 08, 2006
Page 87 of 315
REJ09B0252-0130
12.1.6.5
Interrupt Response Time
Figure 12.6 shows the Interrupt Response Time. The interrupt response time is the period between an interrupt
request generation and the execution of the first instruction in the interrupt routine. The interrupt response time
includes the period between interrupt request generation and the completion of execution of the instruction
(refer to (a) in Figure 12.6) and the period required to perform the interrupt sequence (20 cycles, see (b) in
Figure 12.6).
Figure 12.6
Interrupt Response Time
12.1.6.6
IPL Change when Interrupt Request is Acknowledged
When an interrupt request of a maskable interrupt is acknowledged, the interrupt priority level of the
acknowledged interrupt is set in the IPL.
When a software interrupt or special interrupt request is acknowledged, the level listed in Table 12.5 is set in
the IPL. Table 12.5 lists the IPL Value When a Software or Special Interrupt Is Acknowledged.
Table 12.5
IPL Value When a Software or Special Interrupt Is Acknowledged
Interrupt Source
Value Set in IPL
Watchdog timer, oscillation stop detection, voltage monitor 2
7
Software, address match, single-step, address break
Not changed
Interrupt request is generated. Interrupt request is acknowledged.
Instruction
Interrupt sequence
Instruction in
interrupt routine
Time
(a)
20 cycles (b)
Interrupt response time
(a) Period between interrupt request generation and the completion of execution of an
instruction. The length of time varies depending on the instruction being executed.
The DIVX instruction requires the longest time, 30 cycles (assuming no wait states and
that a register is set as the divisor).
(b) 21 cycles for address match and single-step interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com