Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8A Datasheet(PDF) 363 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 363 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 359Page - Renesas Technology Corp M32C/8A Datasheet HTML 360Page - Renesas Technology Corp M32C/8A Datasheet HTML 361Page - Renesas Technology Corp M32C/8A Datasheet HTML 362Page - Renesas Technology Corp M32C/8A Datasheet HTML 363Page - Renesas Technology Corp M32C/8A Datasheet HTML 364Page - Renesas Technology Corp M32C/8A Datasheet HTML 365Page - Renesas Technology Corp M32C/8A Datasheet HTML 366Page - Renesas Technology Corp M32C/8A Datasheet HTML 367Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 372 page
background image
M32C/8A Group
24. Usage Notes
Rev.1.00
Jul 15, 2007
Page 346 of 352
REJ09B0385-0100
24.9
Serial Interfaces
24.9.1
Changing UiBRG Register (i = 0 to 4)
Set the UiBRG register after setting bits CLK1 and CLK0 in the UiC0 register. When bits CLK1 and CLK0 are
changed, the UiBRG register must be set again.
24.9.2
Clock Synchronous Mode
24.9.2.1
Transmit Operation
If an external clock is selected, the following conditions must be met while the external clock is held “H” when
the CKPOL bit in the UiC0 register (i = 0 to 4) is set to 0 (transmit data output at the falling edge and receive
data input at the rising edge of the serial clock), or while the external clock is held “L” when the CKPOL bit is
set to 1 (transmit data output at the rising edge and receive data input at the falling edge of the serial clock)
• Set the TE bit in the UiC1 register to 1 (transmit operation enabled).
• Set the RE bit in the UiC1 register to 1 (receive operation enabled).
• The TI bit in the UiC1 register is 0 (data in the UiTB register).
The RE bit setting is not required for a transmit-only operation.
24.9.2.2
Receive Operation
• In clock synchronous mode, the serial clock is controlled by the transmit control circuit. Set the UARTi-
associated registers for a transmit operation as well, even if the MCU is used only for receive operation.
Dummy data is output from the TXDi pin while receiving if the TXDi pin is set to output mode.
• If data is received continuously, an overrun error occurs when the RI bit in the UiC1 register is 1 (data in the
UiRB register) and the seventh bit of the next data is received in the UARTi receive shift register. And the
OER bit in the UiRB register becomes 1 (overrun error occurred). In this case, the UiRB register becomes
undefined. If an overrun error occurs, the IR bit in the SiRIC register is not changed to 1.
• The following two conditions must be satisfied to use continuous receive mode (UiRRM bit is set to 1).
(1) The CKDIR bit in the UiMR register is set to 1 (external clock).
(2) The RTS function is not used.
To receive data continuously under the other conditions, set the UiRRM bit to 0 (continuous receive mode
disabled), and write dummy data to the UiTB register every time a receive operation is completed.
24.9.3
UART Mode
Set the UiERE bit in the UiC1 register after setting the UiMR register.
24.9.4
Special Mode 1 (I2C Mode)
To generate the start condition, stop condition, or restart condition, set the STSPSEL bit in the UiSMR4 register
to 0. Then, wait for a half clock cycle of the serial clock or more to change individual condition generation bit
(the STAREQ bit, STPREQ bit, or RSTAREQ bit) from 0 to 1.
(Technical update: TN-16C-130A/EA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com