Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8A Datasheet(PDF) 366 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 366 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 362Page - Renesas Technology Corp M32C/8A Datasheet HTML 363Page - Renesas Technology Corp M32C/8A Datasheet HTML 364Page - Renesas Technology Corp M32C/8A Datasheet HTML 365Page - Renesas Technology Corp M32C/8A Datasheet HTML 366Page - Renesas Technology Corp M32C/8A Datasheet HTML 367Page - Renesas Technology Corp M32C/8A Datasheet HTML 368Page - Renesas Technology Corp M32C/8A Datasheet HTML 369Page - Renesas Technology Corp M32C/8A Datasheet HTML 370Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 366 / 372 page
background image
M32C/8A Group
24. Usage Notes
Rev.1.00
Jul 15, 2007
Page 349 of 352
REJ09B0385-0100
24.11 Programmable I/O Ports
• Pins P7_2 to P7_5, P8_0, and P8_1 have the forced cutoff function of the three-phase PWM output. When
these ports are set in output mode (port output, timer output, three-phase PWM output, serial interface output),
they are affected by the three-phase motor control timer function and the NMI pin setting. Table 24.5 shows
the INVC0 register setting, NMI pin input level, and output pin states.
Table 24.5
INVC0 Register Setting, NMI Pin Level, and Output Pin Status
−: Not affected by the bit setting nor the pin state
NOTE:
1. The INV03 bit becomes 0 after a low-level (“L”) signal is applied to the NMI pin.
• The availability of the pull-up resistors is undefined until the internal power voltage stabilizes even if the
RESET pin is held “L”.
Setting Value of the INVC0 Register
NMI Pin
Input Level
Pin States of P7_2 to P7_5, P8_0, P8_1
(when set in output mode)
INV02 Bit
INV03 Bit
0
(three-phase motor control
timer function not used)
−−
Output functions selected using registers
PS1, PSL1, PSC, PS2, and PSL2
1
(three-phase motor control
timer function used)
0
(three-phase motor control
timer output disabled)
−
High-impedance states
1
(three-phase motor control
timer output enabled)(1)
H
Output functions selected using registers
PS1, PSL1, PSC, PS2, and PSL2
L
(forcibly
terminated)
High-impedance states



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com