Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7243 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # SH7243
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
PDF  1726 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7243 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button SH7243 Datasheet HTML 32Page - Renesas Technology Corp SH7243 Datasheet HTML 33Page - Renesas Technology Corp SH7243 Datasheet HTML 34Page - Renesas Technology Corp SH7243 Datasheet HTML 35Page - Renesas Technology Corp SH7243 Datasheet HTML 36Page - Renesas Technology Corp SH7243 Datasheet HTML 37Page - Renesas Technology Corp SH7243 Datasheet HTML 38Page - Renesas Technology Corp SH7243 Datasheet HTML 39Page - Renesas Technology Corp SH7243 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 1726 page
background image
Section 1 Overview
Rev. 1.00 Jun. 26, 2008 Page 6 of 1692
REJ09B0393-0100
Items
Specification
Serial communication
interface with FIFO
(SCIF)
• One channel
• Clocked synchronous or asynchronous mode selectable
• Simultaneous transmission and reception (full-duplex communication)
supported
• Dedicated baud rate generator
• Separate 16-byte FIFO registers for transmission and reception
Synchronous serial
communication unit
(SSU)
(only in SH7285 and
SH7286)
• One channel
• Master mode or slave mode selectable
• Standard mode or bidirectional mode selectable
• Transmit/receive data length can be selected from 8, 16, and 32 bits.
• Simultaneous transmission and reception (full-duplex communication)
supported
• Consecutive serial communication
Universal serial bus
(USB)
(only in SH7285 and
SH7286)
• USB 2.0 full-speed mode (12 Mbps) supported
• Internal bus transceiver available
• Standard commands automatically processed by hardware
• Three transfer modes (control transfer, balk transfer, and interrupt
transfer)
• 16 types of interrupt sources available
• DMA transfer interface
Controller area
network (RCAN-ET)
(only in SH7286)
• CAN version: Bosch 2.0B active is supported
• Buffer size: 15 buffers for transmission/reception and one buffer for
reception only
• One channel
I
2C bus interface 3
(IIC3)
(only in SH7285 and
SH7286)
• One channel
• Master mode and slave mode supported
I/O ports
• Input or output can be selected for each bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com