| Electronic Components Datasheet Search |
|
SH7243 Datasheet(PDF) 45 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7243 Datasheet(HTML) 45 Page - Renesas Technology Corp |
|
45 / 1726 page ![]() Section 1 Overview Rev. 1.00 Jun. 26, 2008 Page 15 of 1692 REJ09B0393-0100 Classification Symbol I/O Name Function NMI Input Non-maskable interrupt Non-maskable interrupt request pin. Fix it high when not in use. IRQ7 to IRQ0 Input Interrupt requests 7 to 0 Maskable interrupt request pins. Level-input or edge-input detection can be selected. When the edge-input detection is selected, the rising edge, falling edge, or both edges can also be selected. Interrupts IRQOUT Output Interrupt request output Indicates that an interrupt has occurred, enabling external devices to be informed of an interrupt occurrence even while the bus mastership is released. Address bus A25 to A0 Output Address bus Outputs addresses. (A25 to A21 are available only in the SH7286.) Data bus D31 to D0 I/O Data bus Bidirectional data bus. (D31 to D16 are available only in the SH7286.) Bus control CS7 to CS0 Output Chip select 7 to 0 Chip-select signals for external memory or devices. RD Output Read Indicates that data is read from an external device. RD/ WR Output Read/write Read/write signal. BS Output Bus start Bus-cycle start signal. AH Output Address hold Address hold timing signal for the device that uses the address/data- multiplexed bus. FRAME Output Frame signal In burst MPX-I/O interface mode, negated before the last bus cycle to indicate that the next bus cycle is the last access (only in SH7286) WAIT Input Wait Input signal for inserting a wait cycle into the bus cycles during access to the external space. WRHH Output Write to HH byte Indicates a write access to bits 31 to 24 of data of external memory or device (only in SH7286). WRHL Output Write to HL byte Indicates a write access to bits 23 to 16 of data of external memory or device (only in SH7286). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |