| Electronic Components Datasheet Search |
|
SH7243 Datasheet(PDF) 46 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7243 Datasheet(HTML) 46 Page - Renesas Technology Corp |
|
46 / 1726 page ![]() Section 1 Overview Rev. 1.00 Jun. 26, 2008 Page 16 of 1692 REJ09B0393-0100 Classification Symbol I/O Name Function WRH Output Write to upper byte Indicates a write access to bits 15 to 8 of data of external memory or device. WRL Output Write to lower byte Indicates a write access to bits 7 to 0 of data of external memory or device. DQMUU Output HH byte selection Selects bits D31 to D24 when SDRAM is connected (only in SH7286). DQMUL Output HL byte selection Selects bits D23 to D16 when SDRAM is connected (only in SH7286). DQMLU Output Upper byte selection Selects bits D15 to D8 when SDRAM is connected. DQMLL Output Lower byte selection Selects bits D7 to D0 when SDRAM is connected. RASU Output RAS Connected to the RAS pin when SDRAM is connected (only in SH7286). CASU Output CAS Connected to the CAS pin when SDRAM is connected (only in SH7286). RASL Output RAS Connected to the RAS pin when SDRAM is connected. CASL Output CAS Connected to the CAS pin when SDRAM is connected. CKE Output CK enable Connected to the CKE pin when SDRAM is connected. Bus control REFOUT Output Refresh request output Request signal output for refresh execution while the bus mastership is released. DREQ0 to DREQ3 Input DMA-transfer request Input pins to receive external requests for DMA transfer (DREQ2 and DREQ3 are only in SH7286). DACK0 to DACK3 Output DMA-transfer request accept Output pins for signals indicating acceptance of external requests from external devices (DACK2 and DACK3 are only in SH7286). Direct memory access controller (DMAC) TEND1, TEND0 Output DMA-transfer end output Output pins for DMA transfer end. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |