| Electronic Components Datasheet Search |
|
SH7243 Datasheet(PDF) 44 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7243 Datasheet(HTML) 44 Page - Renesas Technology Corp |
|
44 / 1726 page ![]() Section 1 Overview Rev. 1.00 Jun. 26, 2008 Page 14 of 1692 REJ09B0393-0100 Classification Symbol I/O Name Function MD1, MD0 Input Mode set Sets the operating mode. Do not change the signal levels on these pins during operation. ASEMD0 Input Debugging mode Enables the E10A-USB emulator functions. Input a high level to operate the LSI in normal mode (not in debugging mode). To operate it in debugging mode, apply a low level to this pin on the user system board. Operating mode control FWE Input Flash memory write enable Pin for flash memory. Flash memory can be protected against writing or erasure through this pin. RES Input Power-on reset This LSI enters the power-on reset state when this signal goes low. MRES Input Manual reset This LSI enters the manual reset state when this signal goes low. WDTOVF Output Watchdog timer overflow Outputs an overflow signal from the WDT. BREQ Input Bus-mastership request A low level is input to this pin when an external device requests the release of the bus mastership. System control BACK Output Bus-mastership request acknowledge Indicates that the bus mastership has been released to an external device. Reception of the BACK signal informs the device which has output the BREQ signal that it has acquired the bus. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |