Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7243 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # SH7243
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
PDF  1726 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7243 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button SH7243 Datasheet HTML 33Page - Renesas Technology Corp SH7243 Datasheet HTML 34Page - Renesas Technology Corp SH7243 Datasheet HTML 35Page - Renesas Technology Corp SH7243 Datasheet HTML 36Page - Renesas Technology Corp SH7243 Datasheet HTML 37Page - Renesas Technology Corp SH7243 Datasheet HTML 38Page - Renesas Technology Corp SH7243 Datasheet HTML 39Page - Renesas Technology Corp SH7243 Datasheet HTML 40Page - Renesas Technology Corp SH7243 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 1726 page
background image
Section 1 Overview
Rev. 1.00 Jun. 26, 2008 Page 7 of 1692
REJ09B0393-0100
Items
Specification
A/D converter
• Three modules (SH7286)
Two modules (SH7285 and SH7243)
• 12-bit resolution
• Eight input channels (SH7285 and SH7243) and twelve input channels
(SH7286)
• Sampling can be carried out simultaneously on three channels.
• A/D conversion request by the external trigger or timer trigger
D/A converter
(only in SH7286)
• 8-bit resolution
• Two output channels
ASE break controller
(ABC)
• Ten break channels
• The cycle of the internal bus can be set as break conditions
User break controller
(UBC)
• Four break channels
• Addresses, data values, type of access, and data size can all be set as
break conditions
User debugging
interface (H-UDI)
• E10A emulator support
• JTAG-standard pin assignment
• Realtime branch trace
Advanced user
debugger (AUD)
• Six input/output pins
• Branch source address/destination address trace
• Window data trace
• Full trace
All trace data can be output by interrupting CPU operation
• Realtime trace
Trace data can be output within the range where CPU operation is not
interrupted
On-chip ROM
• 256 Kbytes, 512 Kbytes, 768 Kbytes, or 1 Mbyte
On-chip RAM
• Four pages
• 32 Kbytes (SH7286, SH7285)
• 24 Kbytes (SH7286, SH7285)
• 12 Kbytes (SH7243)
• 8 Kbytes (SH7243)
Power supply voltage
• VCC: 3.0 to 3.6 V or 4.5 to 5.5 V
• AVCC: 4.5 to 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com