Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7220 Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 43Page - Renesas Technology Corp 7220 Datasheet HTML 44Page - Renesas Technology Corp 7220 Datasheet HTML 45Page - Renesas Technology Corp 7220 Datasheet HTML 46Page - Renesas Technology Corp 7220 Datasheet HTML 47Page - Renesas Technology Corp 7220 Datasheet HTML 48Page - Renesas Technology Corp 7220 Datasheet HTML 49Page - Renesas Technology Corp 7220 Datasheet HTML 50Page - Renesas Technology Corp 7220 Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 303 page
background image
FUNCTIONAL DESCRIPTION
2.4 Input/Output pins
7220 Group User’s Manual
2-20
2.4 Input/Output pins
The M37221M6-XXXSP/FP has 33 programable ports (I/O ports, input ports, output ports). The double-
function ports function as ports and as pins for internal peripheral devices.
M37220M3-XXXSP/FP
Refer to “CHAPTER 4. M37220M3-XXXSP/FP.”
qDouble-function ports .................... <I/O ports>
P00–P07, P10–P17, P20–P24, P30, P31
<Input ports>
P33, P34
<Output ports>
P52–P55
qI/O port-only ports ......................... <I/O ports>
P25–P27, P32
And also, the M37221M6-XXXSP/FP has 9 pins with only the dedicated function.
qDediated pins .................................
________
VCC, VSS, RESET, XIN, CNVSS, XOUT, D-A, HSYNC, VSYNC
2.4.1 Programmable ports
(1)
Port P0
Port P0 is an 8-bit input/output port. This is an N-channel open drain output. Port P0 is assigned to
memory at address 00C016 on zero page.
Port P0 has the direction register (at address 00C116 on zero page), so that it is possible to program
each bit whether the port is used for input or output. The pins of which the direction register is
programmed to “0” are set for input; when programmed to “1”, the pins are set for output.
When pins are programmed as output pins, the output data are written into the port latch and then
output. When reading data from the output pins, the output pin level is not read but the port latch
data is read. This allows a previously-output value to be read correctly even if the output LOW
voltage has risen, for example, because a light emitting diode was directly driven.
The input pins float, so the values of the pins can be read. When writing data into the input pin, it
is written only into the port latch, while the pin remains floating.
Ports P00–P05 are also used as PWM output pins PWM0–PWM5 respectively. Port P06 is also used
as external interrupt pin INT2 and analog input pin A-D4. The P07 pin is also used as external
interrupt input pin INT1. When external interrupts INT1 and INT2 are enabled, an interrupt is processed
according to transition in the level on these pins.
Ports P06 and P07 have the schmit characteristics when they are used as INT input pins. In this case,
set these pins for input by the port P0 direction register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com