Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7220 Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 57Page - Renesas Technology Corp 7220 Datasheet HTML 58Page - Renesas Technology Corp 7220 Datasheet HTML 59Page - Renesas Technology Corp 7220 Datasheet HTML 60Page - Renesas Technology Corp 7220 Datasheet HTML 61Page - Renesas Technology Corp 7220 Datasheet HTML 62Page - Renesas Technology Corp 7220 Datasheet HTML 63Page - Renesas Technology Corp 7220 Datasheet HTML 64Page - Renesas Technology Corp 7220 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 303 page
background image
2-34
7220 Group User’s Manual
FUNCTIONAL DESCRIPTION
2.6 Timers
2.6 Timers
M37221M6-XXXSP/FP has four 8-bit timers with reload latch. Figure 2.6.1 shows the timer block diagram.
Fig. 2.6.1 Timer 1, timer 2, timer 3, and timer 4 block diagram
Timer 1 (8)
1/4096
1/2
1/8
Timer 1 latch (8)
8
8
8
T12M0
T12M2
T12M4
T12M1
T12M3
Timer 2 (8)
Timer 2 latch (8)
8
8
8
Timer 3 (8)
Timer 3 latch (8)
8
8
8
Timer 4 (8)
Timer 4 latch (8)
8
8
8
Data bus
Timer 1
interrupt request
Timer 2
interrupt request
T34M0
T34M2
T34M5
T34M4
T34M3
T34M1
XIN
P24/TIM2
P23/TIM3
Selection gate :
Connected to black
side at reset
T12M : Timer 12 mode register
T34M : Timer 34 mode register
FF16
0716
HSYNC
Reset
STP
instruction
Timer 3
interrupt request
Timer 4
interrupt request
Notes 1: HIGH pulse width of external clock inputs TIM2 and TIM3 needs 4 machine cycles or more.
2: When the external clock source is selected, timers 2 and 3 are counted at a rising edge of input signal.
3: In the stop mode or the wait mode, external clock inputs TIM2 and TIM3 cannot be used.
(Note 3)
(Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com