Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7220 Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 74Page - Renesas Technology Corp 7220 Datasheet HTML 75Page - Renesas Technology Corp 7220 Datasheet HTML 76Page - Renesas Technology Corp 7220 Datasheet HTML 77Page - Renesas Technology Corp 7220 Datasheet HTML 78Page - Renesas Technology Corp 7220 Datasheet HTML 79Page - Renesas Technology Corp 7220 Datasheet HTML 80Page - Renesas Technology Corp 7220 Datasheet HTML 81Page - Renesas Technology Corp 7220 Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 303 page
background image
2-51
7220 Group User’s Manual
2.8 Multi-master I2C-BUS interface
(3)
I2C clock control register (S2: address 00DB16)
The I2C clock control register (address 00DB16) is used to set ACK control, SCL mode and SCL
frequency.
s Bits 0 to 4: SCL frequency control bits (CCR0–CCR4)
These bits control the SCL frequency. Refer to “Table 2.8.4.”
s Bit 5: SCL mode specification bit (FAST MODE)
This bit specifies the SCL mode. When this bit is set to “0,” the standard clock mode is set. When
the bit is set to “1,” the high-speed clock mode is set.
s Bit 6: ACK bit (ACK BIT)
This bit sets the SDA status when an ACK clockV is generated. When this bit is set to “0,” the ACK
return mode is set and SDA goes to LOW at the occurrence of an ACK clock. When the bit is set
to “1,” the ACK non-return mode is set. The SDA is held in the HIGH status at the occurrence of
an ACK clock.
However, when the slave address matches the address data in the reception of address data at
ACK BIT = “0,” the SDA is automatically made LOW (ACK is returned). If there is a mismatch
between the slave address and the address data, the SDA is automatically made HIGH (ACK is
not returned).
VACK clock: Clock for acknowledgment
s Bit 7: ACK clock bit (ACK)
This bit specifies a mode of acknowledgment which is an acknowledgment response of data
transmission. When this bit is set to “0,” the no ACK clock mode is set. In this case, no ACK clock
occurs after data transmission. When the bit is set to “1,” the ACK clock mode is set and the
master generates an ACK clock upon completion of each 1-byte data transmission. The device for
transmitting address data and control data releases the SDA at the occurrence of an ACK clock
(make SDA HIGH) and receives the ACK bit generated by the data receiving device.
Figure 2.8.4 shows the I2C clock control register.
Note: Do not write data into the I2C clock control register during transmission. If data is written during
transmission, the I2C clock generator is reset, so that data cannot be transmitted normally.
FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com