| Electronic Components Datasheet Search |
|
7220 Datasheet(PDF) 53 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7220 Datasheet(HTML) 53 Page - Renesas Technology Corp |
|
53 / 303 page ![]() 2-26 7220 Group User’s Manual FUNCTIONAL DESCRIPTION 2.5 Interrupts 2.5 Interrupts Interrupts are used in the following cases. q When there is a request to execute a higher priority routine than current processing routine. q When it is necessary to process according to a certain timing. The M37221M6-XXXSP/FP has 14 interrupt sources (including reset). These are vector interrupts with a fixed priority sequence. Table 2.5.1 shows the interrupt sources, vector addresses and the interrupt priority sequence. M37220M3-XXXSP/FP Refer to “CHAPTER 4. M37220M3-XXXSP/FP.” Note: Reset are included in the table because it operates in the same way as interrupts. These 14-source, 14-vector interrupts have the priority sequence as shown in Table 2.5.1 (reset has a higher priority than interrupts). When two or more interrupt requests occur at the same sampling point, the interrupt with the higher priority (in order of 1 to 14) is received. This priority sequence is determined by hardware, but priority processing is possible to be varied by software, by using the interrupt enable bit and the interrupt disable flag. Table 2.5.1 Interrupt sources, vector addresses and priority 1 2 3 4 5 6 7 8 9 10 11 12 13 14 Reset (Note) CRT interrupt INT2 interrupt INT1 interrupt Timer 4 interrupt f(XIN)/4096 interrupt VSYNC interrupt Timer 3 interrupt Timer 2 interrupt Timer 1 interrupt Serial I/O interrupt Multi-master I2C-BUS interface interrupt INT3 interrupt BRK instruction interrupt High-order byte FFFF16 FFFD16 FFFB16 FFF916 FFF516 FFF316 FFF116 FFEF16 FFED16 FFEB16 FFE916 FFE716 FFE516 FFDF16 Low-order byte FFFE16 FFFC16 FFFA16 FFF816 FFF416 FFF216 FFF016 FFEE16 FFEC16 FFEA16 FFE816 FFE616 FFE416 FFDE16 Vector addresses Non-maskable Active edge selectable Active edge selectable Active edge selectable Active edge selectable Non-maskable (software interrupt) Priority Interrupt sources Remarks |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |