| Electronic Components Datasheet Search |
|
7220 Datasheet(PDF) 63 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7220 Datasheet(HTML) 63 Page - Renesas Technology Corp |
|
63 / 303 page ![]() 2-36 7220 Group User’s Manual FUNCTIONAL DESCRIPTION 2.6 Timers b7 b6 b5 b4 b3 b2 b1 b0 Timer 12 mode register (T12M) [Address 00F416] B After reset W Timer 12 Mode Register 0 1 2 3 4 5 0 Name Functions Timer 1 count source selection bit (T12M0) 0: f(XIN)/16 1: f(XIN)/4096 Timer 2 count source selection bit (T12M1) 0: Internal clock 1: External clock from P24/TIM2 pin Timer 1 count stop bit (T12M2) 0: Count start 1: Count stop Timer 2 count stop bit (T12M3) 0: Count start 1: Count stop Timer 2 internal count source selection bit (T12M4) 0: f(XIN)/16 1: Timer 1 overflow Fix this bit to “0.” R 0 0 0 0 0 0 6,7 0 Nothing is assigned. These bits are write disable bits. When these bits are read out, the values are “0.” W R W R W R W R W R W R — R Fig. 2.6.3 Timer 12 mode register (address 00F416) (3) Timer 3 Timer 3 can select one of the following count sources: q f(XIN)/16 q External clock from pin HSYNC q External clock from pin P23/TIM3 The count source of timer 3 is selected by setting bits 5 and 0 of the timer 34 mode register (address 00F516) Timer 3 interrupt request occurs at timer 3 overflow. (4) Timer 4 Timer 4 can select one of the following count sources: q f(XIN)/16 q f(XIN)/2 q Timer 3 overflow signal The count source of timer 3 is selected by setting bits 4 and 1 of the timer 34 mode register (address 00F516). When timer 3 overflow signal is a count source for timer 4, timer 3 functions as an 8-bit prescaler. Timer 4 interrupt request occurs at timer 4 overflow. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |