| Electronic Components Datasheet Search |
|
7220 Datasheet(PDF) 73 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7220 Datasheet(HTML) 73 Page - Renesas Technology Corp |
|
73 / 303 page ![]() 2-46 7220 Group User’s Manual FUNCTIONAL DESCRIPTION 2.7 Serial I/O The transmit side in Figure 2.7.7, P21 is set as the serial I/O data output pin and P20 is set as the serial I/O synchronous clock output pin by the initialization program. The receive side, P21 is set as the serial I/O data input pin and P20 is used for the serial I/O synchronous clock (external clock) input pin by the initialization program. Figure 2.7.8 shows the serial data transmit/receive processing sequence using the above structure. Fig. 2.7.7 Connection example for serial I/O transmit/receive As a result of the above processing 1-byte data is transferred from the transmit side to the receive side. When the transmit operation is completed, interrupts occur on both sides, so that completion of the data transfer can be reported. After that, repeating the processing after the symbol (w) can transmit/receive more data. Transmit side LDM #$0C, $DC ; Set serial I/O mode register. CLB 2, $FD ; Reset serial I/O interrupt request bit. SEB 2, $FF ; Set the serial I/O interrupt enable bit to “1.” LDM #DATA, $DD ; Write transfer data to serial I/O register. Fig. 2.7.8 Serial data transmit/receive processing sequence Receive side LDM #$48, $DC ; Set serial I/O mode register. CLB 2, $FD ; Reset serial I/O interrupt request bit. SEB 2, $FF ; Set serial I/O interrupt enable bit to “1.” wLDM #$FF, $DD ; Write dummy data to serial I/O register. Serial I/O Mode Register Serial data P21/SOUT SOUT/P21 P20/SCLK SCLK/P20 Synchronous clock Transmit Side Receive Side Serial I/O Mode Register M37221M6-XXXSP/FP M37221M6-XXXSP/FP 1 1 b0 b7 0 1: SCLK, SOUT Internal synchronous clock selection bits Serial I/O port selection bit Fix this bit to “0.” Transfer direction selection bit Serial input pin selection bit Nothig is assigned. Synchronous clock selection bit 1: Internal clock 1 b0 b7 0 0 1: SCLK, SOUT 0: External clock 1: Input signal from SOUT pin 1 Internal synchronious clock selection bits Serial I/O port selection bit Fix this bit to “0.” Transfer direction selection bit Serial input pin selection bit Nothig is assigned. Synchronous clock selection bit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |