Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7220 Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 46Page - Renesas Technology Corp 7220 Datasheet HTML 47Page - Renesas Technology Corp 7220 Datasheet HTML 48Page - Renesas Technology Corp 7220 Datasheet HTML 49Page - Renesas Technology Corp 7220 Datasheet HTML 50Page - Renesas Technology Corp 7220 Datasheet HTML 51Page - Renesas Technology Corp 7220 Datasheet HTML 52Page - Renesas Technology Corp 7220 Datasheet HTML 53Page - Renesas Technology Corp 7220 Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 303 page
background image
2-23
FUNCTIONAL DESCRIPTION
2.4 Input/Output pins
7220 Group User’s Manual
2.4.2 Dedicated pins
(1)
14-bit PWM output (D-A) pin
This is a 14-bit PWM signal output pin. This pin also can be used for 1-bit general-purpose output
port. The output structure is CMOS output.
(2)
Vertical and horizontal synchronous signal input pins (VSYNC, HSYNC)
These pins input the vertical and horizontal synchronous signals for CRT display.
(3)
Test input pin (CNVSS)
Connect this pin to VSS.
(4)
Reset input pin (RESET)
This pin inputs reset signal. To reset the microcomputer, hold the RESET pin at a LOW level for
2
µs or more. Reset is released when HIGH level is applied to the RESET pin. For details, refer to
“2.15 Reset.”
(5)
Clock I/O pins (XIN, XOUT)
These pins are I/O pins of main clock f(XIN). Since a microcomputer has on-chip clock oscillation
circuit, set the oscillation frequency by connecting an external ceramic resonator or a quartz-crystal
oscillator between pins XIN and XOUT.
When inputting an external clock, connect the external clock to the XIN pin and leave the XOUT pin
open.
The output structure of XOUT pin is CMOS output.
(6)
Power source input pin (VCC, VSS)
These pins supply the power source to a microcomputer. Apply voltage of 5 V ± 10 % to pin VCC and
0 V to pin VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com