Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7220 Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 86Page - Renesas Technology Corp 7220 Datasheet HTML 87Page - Renesas Technology Corp 7220 Datasheet HTML 88Page - Renesas Technology Corp 7220 Datasheet HTML 89Page - Renesas Technology Corp 7220 Datasheet HTML 90Page - Renesas Technology Corp 7220 Datasheet HTML 91Page - Renesas Technology Corp 7220 Datasheet HTML 92Page - Renesas Technology Corp 7220 Datasheet HTML 93Page - Renesas Technology Corp 7220 Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 303 page
background image
2-63
7220 Group User’s Manual
2.10 PWM
2.10 PWM
The M37221M6-XXXSP/FP has one 14-bit PWM (pulse width modulator) [DA], and six 8-bit PWM [PWM0–
PWM5].
Table 2.10.1 shows the PWM function performance.
Table 2.10.1 PWM function performance (at oscillation frequency = 8 MHz)
Figure 2.10.1 shows the 14-bit PWM block diagram and Figure 2.10.2 shows the 8-bit PWM block diagram.
Performance
Resolution (bits)
Minimum resolution bit width (
µs)
Repeat cycle (
µs)
14-bit PWM [DA]
14
0.25
4096
8-bit PWM
8
4
1024
Inside of
with the others.
1/2
XIN
PWM timing
generating
circuit
14-bit PWM circuit
PN2
PN4
PW1
DA
MSB
DA-H register
(Address : 00CE16)
DA latch
(14 bits)
DA-L register (Note)
(Address : 00CF16)
LSB
8
6
14
6
D-A
Data bus
Selection gate :
PW: PWM output control register 1
PN: PWM output control register 2
PW0
b7
b0
Connected to
black side when
reset.
Pass gate
Note: The DA-L register also functions as the low-order 6 bits of the DA latch.
Fig. 2.10.1 14-bit PWM (DA) block diagram
FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com