Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7220 Datasheet(PDF) 230 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 230 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 226Page - Renesas Technology Corp 7220 Datasheet HTML 227Page - Renesas Technology Corp 7220 Datasheet HTML 228Page - Renesas Technology Corp 7220 Datasheet HTML 229Page - Renesas Technology Corp 7220 Datasheet HTML 230Page - Renesas Technology Corp 7220 Datasheet HTML 231Page - Renesas Technology Corp 7220 Datasheet HTML 232Page - Renesas Technology Corp 7220 Datasheet HTML 233Page - Renesas Technology Corp 7220 Datasheet HTML 234Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 303 page
background image
7220 Group User’s Manual
APPENDIX
6.4 Countermeasures against noise
6-11
6.4 Countermeasures against noise
Countermeasures against noise are described below. The following countermeasures are effective against
noise in theory, however, it is necessary not only to take measures as follows but to evaluate before actual
use.
6.4.1 Shortest wiring length
The wiring on a printed circuit board can function as an antenna which feeds noise into the microcomputer.
The shorter the total wiring length (by mm unit), the less the possibility of noise insertion into a microcomputer.
(1)
Wiring for reset input pin
Make the length of wiring which is connected
to the RESET input pin as short as possible.
Especially, connect a capacitor across the
RESET input pin and the VSS pin with the
shortest possible wiring (within 20mm).
Reason
The width of a pulse input into the RESET
pin is determined by the timing necessary
conditions. If noise having a shorter pulse width
than the standard is input to the RESET input
pin, the reset is released before the internal
state of the microcomputer is completely
initialized. This may cause a program runaway.
(2)
Wiring for clock input/output pins
qMake the length of wiring which is connected
to clock
qI/O pins as short as possible.
qMake the length of wiring (within 20mm)
across the grounding lead of a capacitor
which is connected to an oscillator and the
VSS pin of a microcomputer as short as
possible.
qSeparate the VSS pattern only for oscillation
from other VSS patterns.
Reason
If noise enters clock I/O pins, clock waveforms
may be deformed. This may cause a program
failure or program runaway. Also, if a potential
difference is caused by the noise between
the VSS level of a microcomputer and the VSS
level of an oscillator, the correct clock will not
be input in the microcomputer.
RESET
Reset
circuit
Noise
VSS
VSS
Reset
circuit
VSS
RESET
VSS
N.G.
O.K.
Fig.6.4.1 Wiring for RESET input pin
Noise
XIN
XOUT
VSS
XIN
XOUT
VSS
N.G.
O.K.
Fig.6.4.2 Wiring for clock I/O pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com