Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7220 Datasheet(PDF) 237 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 237 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 233Page - Renesas Technology Corp 7220 Datasheet HTML 234Page - Renesas Technology Corp 7220 Datasheet HTML 235Page - Renesas Technology Corp 7220 Datasheet HTML 236Page - Renesas Technology Corp 7220 Datasheet HTML 237Page - Renesas Technology Corp 7220 Datasheet HTML 238Page - Renesas Technology Corp 7220 Datasheet HTML 239Page - Renesas Technology Corp 7220 Datasheet HTML 240Page - Renesas Technology Corp 7220 Datasheet HTML 241Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 303 page
background image
APPENDIX
6.5 Memory assignment
7220 Group User’s Manual
6-18
Fig. 6.5.2 Memory assignment of M37221M8-XXXSP and M37221MA-XXXSP
SFR area
Special function register
(Refer to Figures 2. 3. 3 to 2. 3. 5)
Internal RAM
ROM
for display
ROM correction
memory (RAM)
Interrupt vector area
Not used
1000016
11FFF16
1FFFF16
CRT display ROM
(8 K bytes)
Not used
2 page register
Not used
Note: Refer to Table 2.11.4 Contents of CRT display RAM.
Internal RAM
Internal ROM
Internal RAM
Zero page
Special page
Hexadecimal notation
Decimal notation
65535
65502
65280
0
192
255
511
Not used
Not used
RAM
for display
1719
24576
1536
959
767
704
535
540
65536
73727
ROM correction memory
Block 1: addresses 02C0 16 to 02DF16
Block 2: addresses 02E016 to 02FF16
768
131071
000016
00C016
00FF16
01FF16
FFFF16
FFDE16
FF0016
ROM
(32 K bytes)
for
M37221M8
033F16
030016
02FF16
02C016
021716
021B16
06B716
600016
060016
CRT display RAM
(96 bytes)
(See note)
03BF16
RAM
(512 bytes)
for
M37221M8
800016
ROM
(40 K bytes)
for
M37221MA
RAM
(640 bytes)
for
M37221MA
831
32768
010016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com