Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7220 Datasheet(PDF) 266 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 266 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 262Page - Renesas Technology Corp 7220 Datasheet HTML 263Page - Renesas Technology Corp 7220 Datasheet HTML 264Page - Renesas Technology Corp 7220 Datasheet HTML 265Page - Renesas Technology Corp 7220 Datasheet HTML 266Page - Renesas Technology Corp 7220 Datasheet HTML 267Page - Renesas Technology Corp 7220 Datasheet HTML 268Page - Renesas Technology Corp 7220 Datasheet HTML 269Page - Renesas Technology Corp 7220 Datasheet HTML 270Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 303 page
background image
7220 Group User’s Manual
APPENDIX
6.7 Control registers
6-47
Fig. 6.7.25 Timer 34 mode register
Fig. 6.7.26 Interrupt input polarity register
b7 b6 b5 b4 b3 b2 b1 b0
Timer 34 mode register (T34M) [Address 00F516]
B
After reset RW
Timer 34 Mode Register
0
1
2
3
6,7
0
Name
Functions
Timer 3 count source
selection bit (T34M0)
0: f(XIN)/16
1: External clock
Timer 4 internal count
source selection bit
(T34M1)
0: Timer 3 overflow
1: f(XIN)/16
Timer 3 count
stop bit (T34M2)
0: Count start
1: Count stop
Timer 4 count stop
bit (T34M3)
0: Count start
1: Count stop
Nothing is assigned. These bits are write disable
bits. When these bits are read out, the values are
“0.”
0
0
0
0
4
Timer 4 count source
selection bit (T34M4)
0: Internal clock
1: f(XIN)/2
0
5
Timer 3 external count
source selection bit (T34M5)
0: External clock from P2 3/TIM3 pin
1: External clock from H SYNC pin
0
RW
RW
RW
RW
RW
RW
R—
Address 00F516
Address 00F916
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt input polarity register(RE) [Address 00F9 16]
b
Name
Functions
After reset
R W
Interrupt Input Polarity Register
0
INT1 polarity switch bit
(RE3)
1, 2
0
0
3
0 : Positive polarity
1 : Negative polarity
0
4
0 : Positive polarity
1 : Negative polarity
0
5
0 : Positive polarity
1 : Negative polarity
0
6
0
7
0
0
0
INT2 polarity switch bit
(RE4)
INT3 polarity switch bit
(RE5)
Nothing is assigned. This bit is a write disable bit.
When this bit is read out, the value is “0.”
Fix these bits to “0.”
Fix this bit to “0.”
Nothing is assigned. This bit is a write disable bit.
When this bit is read out, the value is “0.”
Indeterminate
R—
RW
RW
RW
RW
R—
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com