Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7906 Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 66Page - Renesas Technology Corp 7906 Datasheet HTML 67Page - Renesas Technology Corp 7906 Datasheet HTML 68Page - Renesas Technology Corp 7906 Datasheet HTML 69Page - Renesas Technology Corp 7906 Datasheet HTML 70Page - Renesas Technology Corp 7906 Datasheet HTML 71Page - Renesas Technology Corp 7906 Datasheet HTML 72Page - Renesas Technology Corp 7906 Datasheet HTML 73Page - Renesas Technology Corp 7906 Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 531 page
background image
CLOCK GENERATING CIRCUIT
7906 Group User’s Manual Rev.2.0
4-11
[Precautions for clock generating circuit]
[Precautions for clock generating circuit]
1. While pin RESET = “L” level and after reset, the PLL frequency multiplier is inactive. Clear the PLL circuit
operation enable bit (bit 1 at address BC16) to “0” if the PLL frequency multiplier needs not to be active.
2. To select fPLL as fsys after reset, set the system clock select bit (bit 5 at address BC16) to “1” 2 ms after
f(XIN) has been stabilized. (See Figure 4.2.3.)
3. To change the multiplication ratio for the PLL frequency multiplier, clear the system clock select bit (bit
5 at address BC16) to “0” simultaneously. Then, set the system clock select bit to “1” 2 ms after the
rewriting of the PLL multiplication ratio select bits (bits 2, 3 at address BC16). (See Figure 4.2.3.)
After reset, the PLL multiplication ratio select bits are allowed to be changed only once. If it is necessary
to write a certain value to these bits, be sure to write the same value that has been written after the latest
reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com